Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 14Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 15Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 16Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 17Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 18Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 19Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 20Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 21Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
2.0 Hardware Interface
RC96V24DP
Single Device Data/Modem Data Pump
2-8
D96V24DSA
SPEAKER INTERFACE
SPKR
O(DF)
Speaker Analog Output. The SPKR output reflects the received analog input signal. The
SPKR on/off and three levels of attenuation are controlled by interface memory bits.
When the speaker is turned off, the SPKR output is clamped to the voltage at the VC
pin. The SPKR output can drive an impedance as low as 300 ohms. In a typical
application, the SPKR output is an input to an external LM386 audio power amplifier.
SLEEP MODE SIGNALS
SLEEP
SLEEP1
OA
IA
Sleep Mode Output and Sleep Mode Input. SLEEP output high indicates the DSP is
operating in its normal mode. SLEEP low indicates that the DSP is in the sleep mode.
This signal must be connected to the SLEEP1 input to power down the IA in the sleep
mode. SLEEP can also be used to control power to other devices (e.g., as a speaker
enable).
DIAGNOSTIC SIGNALS
Four signals provide the timing and data necessary to create an oscilloscope quadrature
eye pattern. The eye pattern is simply a display of the received baseband constellation.
By observing this constellation, common line disturbances can usually be identified.
EYEX,
EYEY
OB
Eye Pattern Data X and Eye Pattern Data Y. The EYEX and EYEY outputs provide two
serial bit streams containing data for display on the oscilloscope horizontal (X) axis and
vertical (Y) axis, respectively. This serial digital data can be converted to analog form
using two shift registers and two digital-to-analog converters (DACs).
EYECLK
(RRSTO)
OA
Eye Pattern Clock. EYECLK is a clock for use by the serial-to-parallel converters. The
EYECLK output is a 7200/9600 Hz clock.
EYESYNC
OB
Eye Pattern Sync. EYESYNC is a strobe for word synchronization. The falling edge of
EYESYNC may be used to transfer the 8-bit word from the shift register to a holding
register. Digital-to-analog conversion can then be performed for driving the X and Y
inputs of an oscilloscope.
MODEM INTERCONNECT
RFILO
MI
Receive Filter Output. RFILO is the output of the internal receive analog filter which
must be connected to AGCIN through a 0.1 µF, 20%, DC decoupling capacitor.
AGCIN
MI
Receive AGC Gain Amplifier Input. See RFILO.
MODEO (DSP)
MODEI (IA)
MI
Mode Control. Serial IA mode control bits. Direct modem interconnect line.
TDACO (DSP),
TDACI (IA)
MI
Transmitter DAC Signal. Transmitter serial digital DAC signal. Direct modem
interconnect line.
TSTBO (DSP),
TSTBI (IA)
MI
Transmitter Strobe. Transmitter 576 kHz digital timing reference. Direct modem
interconnect line.
TRSTO (DSP),
TRSTI (IA)
MI
Transmitter Reset. Transmitter 7200/9600 Hz digital timing reference. Direct modem
interconnect line.
Table 2-2. Hardware Interface Signal Definitions (Continued)
Label
I/O Type
Signal/Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com