Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 26Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 27Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 28Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 29Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 30Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 31Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 32Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 33Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
RC96V24DP
3.0 Software Interface
Single Device Data/Modem Data Pump
3.7 Modem Interface Circuit
D96V24DSA
3-11
Figure 3-1. Typical Modem Interface Circuit
DECOUPLING CAPS
TO DAA
INTERFACE
RADVR*
TXA2
RESET*
D0
D1
D2
D3
D4
D5
D6
D7
TXA1
RXA
READ*
CS*
RS3
RS4
WRITE*
RS2
RS1
RS0
XTCLK
TXD
TDCL K
RDCLK*
RXD
IRQ*
EYECLK
EYEX
EYEY
EYESYNC
RESET*
RING*
VCC
VCC
VCC
VCC
C5 2200
pF
C10
.1
C11
.1
C13
10
16V
L1
47
C7
56P F 5%
C17 5 6 P F 5%
C14
.1
+
-
U6
LM386
2
3
5
7
C15
.1
C8
.1
C9
12
10%
20V
C21
.1
R13
180k
R12
100
C16
220
16V
C18
1000 pF
C12
.1
Y1
1 6 .000312MHZ
3
LS1
161201
U7
RC96V24
13
27
46
9
8
7
61
60
59
58
57
18
63
62
67
68
1
2
3
19
16
64
66
65
28
29
10
17
54
40
52
22
48
25
51
20
49
12
11
26
45
21
50
47
23
24
43
39
41
32
31
30
35
6
37
34
33
5
42
53
36
38
44
15
4
14
56
55
VCC
RRSTO
RRSTI
EYESYNC
EYEX
EYEY
D1
D2
D3
D4
D5
TXD
IRQ*
D0
RS4
RS3
RS2
RS1
RS0
TDCLK
XTCLK
WRITE*
READ*
CS*
RDCLK*
RXD
RESET*
DGND1
DGND2
AGND
VAA
TDACO
TDACI
MODEO
MODEI
TRSTO
TRSTI
XTLO
XTLI
RSTBO
RSTBI
TSTBO
TSTBI
RADCO
RADCI
RAGCO
RAGCI
RBVDR*
RADVR
RXA
TXA1
TXA2
VC
RING*
NC
AGCIN
RFILO
SLEEP*
SLEEPI*
SPKR
NC
NC
NC
GP16
TEST*
GP18
D6
D7
C8
.1
C18
.1 uF
Figure 3-2. Typical DAA Interface Circuit
RADVR*
TXA1
RING*
RXA
TXA2
VCC
VCC
R1
18
1W
RV1
V150LA2
TOP
J4
T E L CO4/6
1
2
3
4
5
6
8
7
R2
7.5K
1W
D1
1 N 970B
D2
1 N 970B
LINE
T1
TTC143
K1
RELAY
1
4
2
3
D5
1 N 749A
R3
100K
R6
536
1%
D4
1 N 749A
C20
.1
U1
4N35
6
4
5
1
3
2
D3
1 N 4148
R10 18
C2
.001
10%
1KV
C3
.47
10%
250V
C1
.001
10%
1KV
TOP
J3
T E L CO4/6
1
2
3
4
5
6
8
7
C4
.022uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com