Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 15Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 16Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 17Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 18Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 19Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 20Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 21Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 22Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
RC96V24DP
2.0 Hardware Interface
Single Device Data/Modem Data Pump
D96V24DSA
2-9
RADCI (DSP),
RADCO (IA)
MI
MODEM INTERCONNECT (con’t)
Receiver ADC Signal. Receiver serial digital ADC signal. Direct modem interconnect
line.
RAGCO (DSP),
RAGCI (IA)
MI
Receiver AGC Signal. Receiver serial digital AGC signal. Direct modem interconnect
line.
RSRBO (DSP),
RSRBI (IA)
MI
Receiver Strobe. Receiver 576 kHz digital timing reference. Direct modem interconnect
line.
RRSTO (DSP),
RRSTI (IA)
MI
Receiver Reset. Receiver 7200/9600 Hz digital timing reference. Direct modem
interconnect line.
Table 2-2. Hardware Interface Signal Definitions (Continued)
Label
I/O Type
Signal/Definition
Table 2-3. Digital Interface Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions(1)
Input High Voltage
Type IA
Type ID
VIH
2.0
0.8 (Vcc)
–
–
Vcc
Vcc
Vdc
Input Low Voltage
VIL
-0.3
–
0.8
Vdc
Input Low Current
IIL
–
–
-400
µA
Vcc = 5.25V
Output High Voltage
Types OA and OB
Type OD
VOH
3.5
–
–
–
–
Vcc
Vdc
ILOAD = -100 µA
ILOAD = 0 mA
Output Low Voltage
Types OA and OC
Type OB
Type OD
VOL
–
–
–
–
–
0.4
0.4
0.75
Vdc
ILOAD = 1.6 mA
ILOAD = 0.8 mA
ILOAD = 15 mA
Three–State Input Current
(Off)
ITSI
–
–
±10
µA
VIN = 0.4 to Vcc -1
Power Dissipation
Operating
Sleep
PD
–
–
300
15
450
22.5
mW
Note:
(1) Test Conditions: Vcc = 5V ±5%, TA = 0°C to 70°C (unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com