Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 11Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 12Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 13Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 14Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 15Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 16Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 17Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 18Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
RC96V24DP
2.0 Hardware Interface
Single Device Data/Modem Data Pump
D96V24DSA
2-5
46
RRSTI
MI
47
RADCO
MI
48
TDACI
MI
49
TRSTI
MI
50
TSTBI
MI
51
MODE1
MI
52
+5VA
53
SPKR
O(OF)
54
DGND2
55
D7
IA/OB
56
D6
IA/OB
57
D5
IA/OB
58
D4
IA/OB
59
D3
IA/OB
60
D2
IA/OB
61
D1
IA/OB
62
D0
IA/OB
63
IRQ
OC
64
WRITE
IA
65
CS
IA
66
READ
IA
67
RS4
IA
68
RS3
IA
Notes:
(1) MI = Modem Interconnection
(2) NC = No connection (may have internal connection; leave pin disconnected (open).
(3) I/O types are described in Table 2-3 (digital signals) and Table 2-4 (analog signals).
Table 2-1. RC9623DP Modem Device Pin Signals (Continued)
Pin Number
Signal Name
I/O Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com