Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 25Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 26Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 27Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 28Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 29Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 30Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 31Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 32Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
RC96V24DP
3.0 Software Interface
Single Device Data/Modem Data Pump
3.6 Host Programmable Data
D96V24DSA
3-9
11
0
6C
–
Tone 1 Angle Increment Per Sample (TXDPHI1)
12
0
6D
–
Tone 2 Angle Increment Per Sample (TXDPHI2)
13
0
6E
–
Tone 1 Amplitude (TXAMP1)
14
0
6F
–
Tone 2 Amplitude (TXAMP2)
15
0
73
–
Max Samples Per Ring Frequency Period (RDMAXP)
16
0
74
–
Min Samples Per Ring Frequency Period (RDMINP)
17
0
5E
–
Real Part of Error
18
0
–
5E
Imaginary Part of Error
19
0
–
3D
Rotation Angle for Carrier Recovery
20
0
59
–
Rotated Equalizer Output, Real
21
0
–
59
Rotated Equalizer Output, Imaginary
22
0
3C
–
Lower Part of Phase Error
23
0
–
3C
Upper Part of Phase Error
24
1
3F
–
Upper Part of AGC Gain Word
25
1
3E
–
Lower Part of AGC Gain Word
26
1
2E
–
Average Power
27
1
2D
–
Phase Error
28
1
2F
–
Tone Power (TONEA)
29
1
30
–
Tone Power (ATBELL, BEL103, or TONEB)
30
1
31
–
Tone Power (TONEC, ATV25)
31
1
36
–
Tone Detect Threshold for TONEA (THDA)
32
1
37
–
Tone Detect Threshold for ATBELL, BEL103, or TONEB (THDB)
33
1
38
–
Tone Detect Threshold for TONEC or ATV25 (THDC)
Table 3-3. DSP RAM Parameters (Continued)
No.
XCR/YCR(1)
X RAM
Addr
Y RAM
Addr
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com