Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 24Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 25Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 26Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 27Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 28Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 29Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 30Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 31Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
3.0 Software Interface
RC96V24DP
3.5 Interface Memory Access to DSP RAM
Single Device Data/Modem Data Pump
3-8
D96V24DSA
3.5 Interface Memory Access to DSP RAM
The DSP Interface memory acts as an intermediary during host to DSP RAM or
DSP RAM to host data exchanges. The addresses stored in modem Interface
memory RAM Address registers (i. e., XADD and YADD) by the host, in
conjunction with the data or coefficient RAM bits (i. e., XCR and YCR)
determine the DSP RAM addresses for data access.
3.6 Host Programmable Data
The parameters available In DSP RAM are listed in Table 3-3 along with the X
RAM or Y RAM address and corresponding XCR or YCR bit value. The scaling
for the host programmable data is described in the Modem Designer’s Guide.
Table 3-3. DSP RAM Parameters
No.
XCR/YCR(1)
X RAM
Addr
Y RAM
Addr
Parameter
1
1
0-1E
Adaptive Equalizer Coefficients, Real
1
0
–
First coefficient, Real (1) (Data/Fax)
1
10
–
Last Coefficient, Real (17) (Data)
1
1E
–
Last Coefficient, Real (31) (Fax)
2
1
0-1E
Adaptive Equalizer Coefficients, Imag.
1
–
0
First Coefficient, Imag. (1) (Data/Fax)
1
–
10
Last Coefficient, Imag. (17) (Data)
1
–
1E
Last Coefficient, Imag. (31) (Fax)
3
0
49
–
Rotated Error, Real
4
0
–
49
Rotated Error, Imaginary
50
3F
–
Max AGC Gain Word
6
0
71
–
Pulse Dial Interdigit Time
7
0
7C
–
Tone Dial Interdigit Time
8
0
72
–
Pulse Dial Relay Make Time
9
0
7D
–
Pulse Dial Relay Break Time
10
0
7E
–
DTMF Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com