Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 39 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 39 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 35Page - Analog Devices TMC9660 Datasheet HTML 36Page - Analog Devices TMC9660 Datasheet HTML 37Page - Analog Devices TMC9660 Datasheet HTML 38Page - Analog Devices TMC9660 Datasheet HTML 39Page - Analog Devices TMC9660 Datasheet HTML 40Page - Analog Devices TMC9660 Datasheet HTML 41Page - Analog Devices TMC9660 Datasheet HTML 42Page - Analog Devices TMC9660 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 39
(VSA = from 7.7V to 80V, VS = from 7.7V to 70V, Junction Temperature = from -40ºC to 125ºC, Unless otherwise noted, Limits over
the operating temperature range and relevant supply voltage range are guaranteed by design and characterization. Specifications
marked "GBD" are guaranteed by design and not production tested)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GL
Output Impedance
RCP_DRV
CFLY = 220nF effective value
7.0
Ω
II
Switching Frequency
fCP_SW
fBUCK_
SW_PW
M
kHz
II
Soft-Start Time
tCP_SS
CTANK = 4.7μF
IVDRV = 0mA
Charge pump
settling time-up to
2x VBUCK
360
μs
II
Power Efficiency
PCP_EFF
IVDRV = 50mA
CFLY = 220nF
effective value
95.9
%
VI
VDRV UVLO Threshold
VVDRV_UV
Rising
6.3
6.45
6.6
V
II
Falling
6.1
6.3
6.4
II
BST UVLO Threshold
VBST_UV
Rising
5.2
6.0
6.52
V
II
Falling
4.9
5.8
6.24
II
LINEAR REGULATORS FOR EXTERNAL LOADS (1V8, AV18)
1V8 Voltage Regulation
V1V8
1.8
1.9
2
V
II
A1V8 Voltage
Regulation
VA1V8
1.72
1.82
1.92
V
II
1V8, A1V8 UVLO
Threshold
VA/1V8_UV
Rising
1.6
1.64
1.7
V
II
Falling
1.53
1.58
1.63
II
1V8 POR Threshold
V1V8_POR
Falling
1.08
1.21
1.35
V
II
LINEAR REGULATORS FOR EXTERNAL LOADS (VEXT1, VEXT2)
Output Voltage
VOUT
2.5V setting
2.4375
2.5
2.5625
V
II
3.3V setting
3.2175
3.3
3.3825
II
5V setting
4.75
5
5.125
II
Output Voltage
Accuracy
VOUT_ACC2
VBUCK = 5.8V, IOUT = 0.1mA to
IOUT(MAX)
-2.5
2.5
%
II
Maximum Output
Current
IOUT(MAX)
150
mA
II
Load Regulation
VBUCK = 5.8V, IOUT = 0.1mA to
IOUT(MAX)
0.1
%
II
Output Current Limit
ILIM
VOUT = 90% of VOUT(TARGET)
150
175
225
mA
II
Overcurrent Protection
Shutdown Time
TOVC
From overcurrent detection to LDO
shutdown
200
μs
II
Overcurrent Protection
Autoretry Time
TRETRY
Rising Threshold
2
ms
II
EXTERNAL SUPPLY UNDERVOLTAGE LOCKOUT (UVLO)
VSA UVLO Threshold
VVSA_UV
Rising
7.35
7.50
7.65
V
II
Falling
7.15
7.30
7.45
II
VS UVLO Threshold
Configurable Range
VVS_UV
Rising
4.0
8.0
V
II
VVCCIO_UV
Rising
1.2
1.6
2.0
V
II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com