Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 24 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 24 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 20Page - Analog Devices TMC9660 Datasheet HTML 21Page - Analog Devices TMC9660 Datasheet HTML 22Page - Analog Devices TMC9660 Datasheet HTML 23Page - Analog Devices TMC9660 Datasheet HTML 24Page - Analog Devices TMC9660 Datasheet HTML 25Page - Analog Devices TMC9660 Datasheet HTML 26Page - Analog Devices TMC9660 Datasheet HTML 27Page - Analog Devices TMC9660 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 24
19200*
130
3
260
3
38400*
65
1
130
1
57600*
43
6
86
6
115200*
21
11
43
3
230400*
10
13
21
5
250000*
10
0
20
0
460800
5
6
10
6
500000
5
0
10
0
921600
2
11
5
3
1000000
2
8
5
0
2000000
1
4
2
4
2500000
1
0
2
0
4000000
-
-
1
2
5000000
-
-
1
0
*Automatic baud rate detection supported with 40MHz system clock
UART bidirectional communication requires a minimum of two pins: receive data in (UART_RX) and transmit data out
(UART_TX). Serial data is transmitted and received through these pins during communication. After initial power-on, the
bootloader configures Pin 63 as UART_RX instead of GPIO7 and the UART listens for incoming messages. Idle state for
UART communication is expected to be “1.” One communication frame always comprises a start bit (“0”), 8 bits of data
(LSB first), and one stop bit (“1”). For communication with the bootloader command and reply, messages always comprise
8 communication frames/bytes.
The bootloader configures the UART block with autobaud switched on. As first character of a command message, 0x55
is expected. This pattern is used for baud rate detection. Next characters are the device address (configurable), one
command byte, four data bytes (32-bit value) with the most significant byte transmitted first, and finally a cyclic redundancy
check (CRC) checksum byte. In case the distance between two bytes of a command message is longer than
approximately 100ms, the message is discarded, and all bytes already received are removed from the input queue in
expectation of a new command.
LSB
MSB
0
1
2
3
4
S
T
A
R
T
S
T
O
P
5
6
7
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
DEVICE ADDRESS
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
COMMAND
LSB
MSB
0
1
5
6
7
S
T
A
R
T
VALUE
BYTE 3
(MSB)
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
CRC
S
T
O
P
S
T
O
P
S
T
O
P
VALUE
BYTE 0
(LSB)
0x55
S
T
O
P
Figure 6. Bootloader UART Command Message (Received)
Bootloader communication relies on a command and reply handshake mechanism for flow control. Next command should
not be sent before the reply datagram has been received.
The reply message starts with the controller address (default 0xff), the device address, one status byte, four data bytes
(32-bit value) with the MSB first and finally a CRC checksum byte.
LSB
MSB
0
1
2
3
4
S
T
A
R
T
S
T
O
P
5
6
7
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
DEVICE ADDRESS
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
STATUS
LSB
MSB
0
1
5
6
7
S
T
A
R
T
VALUE
BYTE 3
(MSB)
LSB
MSB
0
1
2
3
4
5
6
7
S
T
A
R
T
CRC
S
T
O
P
S
T
O
P
S
T
O
P
VALUE
BYTE 0
(LSB)
CONTROLLER ADDRESS
S
T
O
P
Figure 7. Bootloader UART Reply Message (Transmitted)
For more details on the content of these bytes, see the Bootloader section.
At 40MHz system clock, standard baud rates between 9600 bits and 250000 bits can be expected to work with the
autobaud detection mechanism. Higher baud rates usually require fixed baud rate settings and a more precise external
clock or crystal clock instead of the internal clock generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com