Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 80 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 80 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 76Page - Analog Devices TMC9660 Datasheet HTML 77Page - Analog Devices TMC9660 Datasheet HTML 78Page - Analog Devices TMC9660 Datasheet HTML 79Page - Analog Devices TMC9660 Datasheet HTML 80Page - Analog Devices TMC9660 Datasheet HTML 81Page - Analog Devices TMC9660 Datasheet HTML 82Page - Analog Devices TMC9660 Datasheet HTML 83Page - Analog Devices TMC9660 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 80
If the memory address is not aligned to 2 bytes, the command returns INVALID_ADDR.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR.
READ_16_INC
Reads 16 bits of data from the selected memory bank at the selected memory address and increments the memory
address by 2.
The upper 16 bits of the response value are 0.
If the memory address is not aligned to 2 bytes, the command returns INVALID_ADDR and doesn’t increment the memory
address.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR and
doesn’t increment the memory address.
READ_8
Reads 8 bits of data from the selected memory bank at the selected memory address and increments the memory address
by 1.
The upper 24 bits of the response value are 0.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR.
READ_8_INC
Reads 8 bits of data from the selected memory bank at the selected memory address. The upper 24 bits of the response
value are 0.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR ADDR
and doesn’t increment the memory address.
WRITE_32
Writes 32 bits of data to the selected memory bank at the selected memory address.
If the memory address is not aligned to 4 bytes, the command returns INVALID_ADDR.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR.
WRITE_32_INC
Writes 32 bits of data to the selected memory bank at the selected memory address and increments the memory address
by 4.
If the memory address is not aligned to 4 bytes, the command returns INVALID_ADDR and doesn’t increment the memory
address.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR and
doesn’t increment the memory address.
WRITE_16
Writes 16 bits of data to the selected memory bank at the selected memory address.
The upper 16 bits of the request value are ignored.
If the memory address is not aligned to 2 bytes, the command returns INVALID_ADDR.
If the memory address is not within the bounds of the selected memory, the command returns INVALID_ADDR.
WRITE_16_INC
Writes 16 bits of data to the selected memory bank at the selected memory address and increments the memory address
by 2.
The upper 16 bits of the request value are ignored.
If the memory address is not aligned to 2 bytes, the command returns INVALID_ADDR and doesn’t increment the memory
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com