Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 11 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 11 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 7Page - Analog Devices TMC9660 Datasheet HTML 8Page - Analog Devices TMC9660 Datasheet HTML 9Page - Analog Devices TMC9660 Datasheet HTML 10Page - Analog Devices TMC9660 Datasheet HTML 11Page - Analog Devices TMC9660 Datasheet HTML 12Page - Analog Devices TMC9660 Datasheet HTML 13Page - Analog Devices TMC9660 Datasheet HTML 14Page - Analog Devices TMC9660 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 11
Pin Configurations
The package is a TQFN 64-pin, 0.5mm pitch 9mm x 9mm, and the pins are positioned as follows:
TOP VIEW
VCC_IO
EXPOSED PAD (EP) = GND
GPIO11
GPIO10
GPIO9
GND
LS_WY1
BM_WY1
HS_WY1
BS_WY1
BS_VX2
HS_VX2
BM_VX2
LS_VX2
48
47
46
45
44
43
1
+
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
42
41
40
39
38
37
36
35
34
33
GNDP
DNC
DNC
CSP3
CSN3
CSN2
CSP2
CSP1
CSN1
CSN0
CSP0
1V8
GPIO18
GPIO17
GPIO16
GPIO15
GPIO14
GPIO13
GPIO12
TMC9660
TQFN64
9mm x 9mm
21 22 23 24 25 26 27 28
17 18 19 20
29 30 31 32
Figure 2. TMC9660 Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com