Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 21 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 21 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 17Page - Analog Devices TMC9660 Datasheet HTML 18Page - Analog Devices TMC9660 Datasheet HTML 19Page - Analog Devices TMC9660 Datasheet HTML 20Page - Analog Devices TMC9660 Datasheet HTML 21Page - Analog Devices TMC9660 Datasheet HTML 22Page - Analog Devices TMC9660 Datasheet HTML 23Page - Analog Devices TMC9660 Datasheet HTML 24Page - Analog Devices TMC9660 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 21
support (parameter mode).
Note: SPI block 1 may be replaced with SPI peripheral block. In this case, signals change direction
(SPI1_MISO: serial data output, SPI1_MOSI: serial data input, SPI1_SCK: clock input and SPI1_CS0:
chip select input). This interface may be used for communication with the application processor as fast
alternative to UART communication (bootloader configuration).
For an SPI-Flash connection, chip select signal generation is done in software for more flexibility. Any
available GPIO pin may be configured as chip select signal and not just the dedicated signal supported
by the SPI peripheral block 1 in hardware (SPI1_CS0).
GPIOx
VCC_IO
VCC_IO
DOUT
DIN
OE
0-VCC_IO
PD_EN
PU_EN
VCC_IO
GPIO
VCC_IO
Figure 4. GPIOx—General-Purpose Digital Input/Output Block Diagram
ADC
13 BIT
1MHz
ADCx_IN
VREF = 1.25V
VCC_IO
VCC_IO
DOUT
DIN
OE
0-VCC_IO
0-1.25V
EN_AIN
PD_EN
PU_EN
VCC_IO
1.8V
OV2V_FLT
ANALOG_INPUT/
GPIO
1V8
VCC_IO
Figure 5. AINx—Analog Input and General-Purpose Digital Input/Output Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com