Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 2 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 2 Page - Analog Devices

  TMC9660 Datasheet HTML 1Page - Analog Devices TMC9660 Datasheet HTML 2Page - Analog Devices TMC9660 Datasheet HTML 3Page - Analog Devices TMC9660 Datasheet HTML 4Page - Analog Devices TMC9660 Datasheet HTML 5Page - Analog Devices TMC9660 Datasheet HTML 6Page - Analog Devices TMC9660 Datasheet HTML 7Page - Analog Devices TMC9660 Datasheet HTML 8Page - Analog Devices TMC9660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 2
Simplified Block Diagram
STEPPER
BLDC
PMSM
DC MOTOR
ENCODER
+VS
+VS
+VS
+VS
ADC
CSA
VDRV
SVPWM + BBM
LS DRIVE
HS DRIVE
FOC
SERVO
8-POINT RAMP
MCC
BOOT
PMU
BIQUAD FILTER
ADC ENGINE
FEEDBACK ENGINE
BUCK CONVERTER 5.8V
LDO EXTERN
LDO EXTERN
CHARGE PUMP
CORE LDO 1.8V
MEASUREMENT UNIT
RISC-V CPU
SRAM, ROM, OTP
UART, SPI
WDT, TIMER
SPI, I2C
MCU
AON
A/B/N, HALL, SPI
WAKE
INT OSC, XTAL OR EXT CLK
+VS
FLASH / EEPROM
(OPTIONAL)
+VSA
2.5V, 3.3V, OR 5V
SPI
OR I2C
UART
OR SPI
APPLICATION
PROCESSOR
DRV_EN
FAULTN
RSTN
GATE
DRIVER
4x
4x
TMC9660
Figure 1. TMC9660 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com