Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 13 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 13 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 9Page - Analog Devices TMC9660 Datasheet HTML 10Page - Analog Devices TMC9660 Datasheet HTML 11Page - Analog Devices TMC9660 Datasheet HTML 12Page - Analog Devices TMC9660 Datasheet HTML 13Page - Analog Devices TMC9660 Datasheet HTML 14Page - Analog Devices TMC9660 Datasheet HTML 15Page - Analog Devices TMC9660 Datasheet HTML 16Page - Analog Devices TMC9660 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 13
41
BS_VX2
Boost Flying Capacitor Connection. Connect a VDRV rated ceramic capacitor
from BS_VX2 to BM_VX2 as close to the IC as possible for the high-side
MOSFET driver supply.
42
HS_VX2
High-Side Gate Driver Output. Driver output for the high-side MOSFET gate.
43
BM_VX2
Source Connection for High-Side MOSFET. Also serves as the return for the
high-side driver.
44
LS_VX2
Low-Side Gate Driver Output. Driver output for the low-side MOSFET gate.
40
BS_WY1
Boost Flying Capacitor Connection. Connect a VDRV rated ceramic
capacitor from BS_WY1 to BM_WY1 as close to the IC as possible for the
high-side MOSFET driver supply.
39
HS_WY1
High-Side Gate Driver Output. Driver output for the high-side MOSFET gate.
38
BM_WY1
Source Connection for High-Side MOSFET. Also serves as the return for the
high-side driver.
37
LS_WY1
Low-Side Gate Driver Output. Driver output for the low-side MOSFET gate.
29
BS_Y2
Boost Flying Capacitor Connection. Connect a VDRV rated ceramic
capacitor from BS_Y2 to BM_Y2 as close to the IC as possible for the high-
side MOSFET driver supply.
Note: Tie this pin to VDRV in case HS_Y2 is used to drive a low-side MOSFET
gate.
30
HS_Y2
High-Side Gate Driver Output. Driver output for the high-side MOSFET gate.
31
BM_Y2
Source Connection for High-Side MOSFET. Also serves as the return for the
high-side driver.
Note: Tie this pin to GND in case HS_Y2 is used to drive a low-side MOSFET
gate.
32
LS_Y2
Low-Side Gate Driver Output. Driver output for the low-side MOSFET gate.
GATE DRIVER
CSA
48
CSP0
Channel 0 current-sense amplifier positive analog input. Also serves as the
return for the low-side driver.
47
CSN0
Channel 0 current-sense amplifier negative analog input.
45
CSP1
Channel 1 current-sense amplifier positive analog input. Also serves as the
return for the low-side driver.
46
CSN1
Channel 1 current-sense amplifier negative analog input.
36
CSP2
Channel 2 current-sense amplifier positive analog input. Also serves as the
return for the low-side driver.
35
CSN2
Channel 2 current-sense amplifier negative analog input.
33
CSP3
Channel 3 current-sense amplifier positive analog input. Also serves as the
return for the low-side driver.
34
CSN3
Channel 3 current-sense amplifier negative analog input.
Other Analog
56
GPIO0
GPIO0 (input with pull-down at power-up)
VCCIO
AIDIOpud
57
GPIO1
GPIO1 (input with pull-down at power-up)
VCCIO
AODIOpud
58
AIN0
Analog input 0 (high-Z at power-up)
VCCIO
AIDIOpud
59
AIN1
Analog input 1 (high-Z at power-up)
VCCIO
AIDIOpud
60
AIN2
Analog input 2 (high-Z at power-up)
VCCIO
AIDIOpud
61
AIN3
Analog input 3 (high-Z at power-up)
VCCIO
AIDIOpud
GPIO and CONTROL SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com