Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 69 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 69 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 65Page - Analog Devices TMC9660 Datasheet HTML 66Page - Analog Devices TMC9660 Datasheet HTML 67Page - Analog Devices TMC9660 Datasheet HTML 68Page - Analog Devices TMC9660 Datasheet HTML 69Page - Analog Devices TMC9660 Datasheet HTML 70Page - Analog Devices TMC9660 Datasheet HTML 71Page - Analog Devices TMC9660 Datasheet HTML 72Page - Analog Devices TMC9660 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 69
VS
FAULTN
UART_RX
BL_READY_FAULT=1
RETURN TO BL REQUEST
MOTOR CTRL READY
Figure 32. Bootloader FAULTN Pin: Return to Bootloader from Motor Control System
Note: In Figure 32, the motor control system is configured to start on power-on (START_MOTOR_CONTROL=1 in the
stored configuration).
When updating the Configuration, the BL_CONFIG_FAULT option can be used in combination with the
BL_READY_FAULT option to allow signaling the completion of a configuration update.
FAULTN
UART_RX
UART_TX
CONFIG WRITE
REQUEST
BL_CONFIG_FAULT=1
CONFIG WRITE
REPLY
BL_READY_FAULT=0
Figure 33. Bootloader FAULTN Pin: Configuration Updates
The BL_EXIT_FAULT option can be used to signal the completion of starting the motor control system. However, note
that using BL_CONFIG_FAULT instead is a more reliable option to do so.
FAULTN
UART_RX
UART_TX
MOTOR
CONTROL START
REQUEST
BL_EXIT_FAULT
MOTOR
CONTROL
READY
MOTOR
CONTROL START
REPLY
Figure 34. Bootloader FAULTN Pin: Motor Control System Starts Using BL_EXIT_FAULT
FAULTN
UART_RX
UART_TX
MOTOR
CONTROL START
REQUEST
BL_CONFIG_FAULT=1
MOTOR
CONTROL START
REPLY
MOTOR CONTROL
READY
Figure 35. Bootloader FAULTN Pin: Motor Control System Starts Using BL_CONFIG_FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com