Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet(PDF) 84 Page - Analog Devices

Part # TMC9660
Description  70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMC9660 Datasheet(HTML) 84 Page - Analog Devices

Back Button TMC9660 Datasheet HTML 80Page - Analog Devices TMC9660 Datasheet HTML 81Page - Analog Devices TMC9660 Datasheet HTML 82Page - Analog Devices TMC9660 Datasheet HTML 83Page - Analog Devices TMC9660 Datasheet HTML 84Page - Analog Devices TMC9660 Datasheet HTML 85Page - Analog Devices TMC9660 Datasheet HTML 86Page - Analog Devices TMC9660 Datasheet HTML 87Page - Analog Devices TMC9660 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
TMC9660
70V Smart Gate Driver with Servo (FOC)
Controller in HW and Buck Converter
www.analog.com
Analog Devices | 84
Configuration Storage
A given configuration can be stored in OTP memory to be applied automatically on bootup. This enables automatically
starting the TMC9660 in the desired configuration.
The configuration can be stored in OTP memory to automatically apply it on power-on. To store a configuration, they can
be burnt into one of the first four pages of the OTP with a page tag value of 4.
The bootloader then checks the first four pages for such a configuration, going backwards from page 3 to page 0. The
first valid configuration found is then applied. This allows burning the pages from 0 to 3 for a total of four times, allowing
the updating of the burnt configuration.
If the bootloader finds a 2-bit ECC error before finding a valid configuration, it will assert the FAULTN pin and enter
bootloader mode with the default configuration. The following table shows examples of how the bootloader determines its
initial configuration:
PAGE 0
PAGE 1
PAGE 2
PAGE 3
BOOTLOADER BEHAVIOR
Empty
Empty
Empty
Empty
Load default configuration values
Configured
Empty
Empty
Empty
Load configuration from page 0
Configured
Configured
Empty
Empty
Load configuration from page 1
2-Bit Error
2-Bit Error
2-Bit Error
Configured
Load configuration from page 3
Empty
Empty
2-Bit Error
Empty
Fault and load default configuration
Configured
2-Bit Error
Empty
Empty
Fault and load default configuration
2-Bit Error
Configured
Configured
2-Bit Error
Fault and load default configuration
Configuration List
LDO Configuration
NAME
OFFSET
BITS
DESCRIPTION
VEXT1
0
0-1
Sets the voltage the LDO shall output on the VEXT1 pin:
0: LDO disabled
1: 2.5V
2: 3.3V
3: 5.0V
VEXT2
0
2-3
Sets the voltage the LDO shall output on the VEXT2 pin:
0: LDO disabled
1: 2.5V
2: 3.3V
3: 5.0V
SS_VEXT1
0
4-5
Sets the VEXT1 voltage slope speed, controlling the startup time:
0: 3ms
1: 1.5ms
2: 0.75ms
3: 0.37ms
SS_VEXT2
0
6-7
Sets the VEXT2 voltage slope speed, controlling the startup time:
0: 3ms
1: 1.5ms
2: 0.75ms
3: 0.37ms
LDO_SHORT_FAULT
0
8
Controls whether a detected LDO short asserts the FAULTN pin.
Default: 0
Bootstrap Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com