Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 34Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 35Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 36Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 37Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
MB90580C Series
34
s INTERRUPT FACTORS, INTERRUPT VECTORS, INTERRUPT CONTROL REGISTER
: Indicates that the interrupt request flag is cleared by the EI2OS interrupt clear signal (stop request present).
: Indicates that the interrupt request flag is cleared by the EI2OS interrupt clear signal.
× : Indicates that the interrupt request flag is not cleared by the EI2OS interrupt clear signal.
Interrupt source
EI2OS
support
Interrupt vector
Interrupt control
register
Priority
No.
Address
ICR
Address
Reset
×
#08
FFFFDCH

High
INT9 instruction
×
#09
FFFFD8H

Exception
×
#10
FFFFD4H

A/D converter
#11
FFFFD0H
ICR00
0000B0H
Timebase timer
×
#12
FFFFCCH
DTP0 (external interrupt #0) /UART3 reception
complete
#13
FFFFC8H
ICR01
0000B1H
DTP1 (external interrupt #1) /UART4 reception
complete
#14
FFFFC4H
DTP2 (external interrupt #2) /UART3 transmission
complete
#15
FFFFC0H
ICR02
0000B2H
DTP3 (external interrupt #3) /UART4 transmission
complete
#16
FFFFBCH
DTP4 to 7 (external interrupt #4 to #7)
#17
FFFFB8H
ICR03
0000B3H
Output compare (ch.1) match (I/O timer)
#18
FFFFB4H
UART2 reception complete
#19
FFFFB0H
ICR04
0000B4H
UART1 reception complete
#20
FFFFACH
Input capture (ch.3) include (I/O timer)
#21
FFFFA8H
ICR05
0000B5H
Input capture (ch.2) include (I/O timer)
#22
FFFFA4H
Input capture (ch.1) include (I/O timer)
#23
FFFFA0H
ICR06
0000B6H
Input capture (ch.0) include (I/O timer)
#24
FFFF9CH
8/16 bit PPG0 counter borrow
×
#25
FFFF98H
ICR07
0000B7H
16 bit reload timer 2 to 0
#26
FFFF94H
Clock prescaler
×
#27
FFFF90H
ICR08
0000B8H
Output compare (ch.0) match (I/O timer)
#28
FFFF8CH
UART2
transmission complete
#29
FFFF88H
ICR09
0000B9H
PWC timer measurement complete / over flow
#30
FFFF84H
UART1
transmission complete
#31
FFFF80H
ICR10
0000BAH
16-bit free run timer (I/O timer) over flow
#32
FFFF7CH
UART0
transmission complete
#33
FFFF78H
ICR11
0000BBH
8/16 bit PPG1 counter borrow
×
#34
FFFF74H
IEBus reception complete
#35
FFFF70H
ICR12
0000BCH
IEBus transmission start
#37
FFFF68H
ICR13
0000BDH
UART0 reception complete
#39
FFFF60H
ICR14
0000BEH
Flash memory status
×
#41
FFFF58H
ICR15
0000BFH
Delayed interrupt
×
#42
FFFF54H
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com