Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
MB90580C Series
30
(Continued)
Address
Register name
Abbreviated
register
name
Read/write
Resource name
Initial value
5AH
Compare register lower
OCCP0
R/W
Output compare
(ch.0)
XXXXXXXXB
5BH
Compare register upper
XXXXXXXXB
5CH
Compare register lower
OCCP1
R/W
Output compare
(ch.1)
XXXXXXXXB
5DH
Compare register upper
XXXXXXXXB
5EH
Compare control status register 0
OCS0
R/W
Output compare
(ch.0)
0 0 0 0
− − 0 0B
5FH
Compare control status register 1
OCS1
R/W
Output compare
(ch.1)
− − − 0 0 0 0 0B
60H
Input capture register lower
IPCP0
R
Input capture
(ch.0)
XXXXXXXXB
61H
Input capture register upper
XXXXXXXXB
62H
Input capture register lower
IPCP1
R
Input capture
(ch.1)
XXXXXXXXB
63H
Input capture register upper
XXXXXXXXB
64H
Input capture register lower
IPCP2
R
Input capture
(ch.2)
XXXXXXXXB
65H
Input capture register upper
XXXXXXXXB
66H
Input capture register lower
IPCP3
R
Input capture
(ch.3)
XXXXXXXXB
67H
Input capture register upper
XXXXXXXXB
68H
Input capture control status
register 01
ICS01
R/W
Input capture
(ch.0, ch.1)
0 0 0 0 0 0 0 0B
69H
(Disabled)
6AH
Input capture control status
register 23
ICS23
R/W
Input capture
(ch.2, ch.3)
0 0 0 0 0 0 0 0B
6BH
(Disabled)
6CH
Timer data register lower
TCDTL
R/W
Free-run timer
0 0 0 0 0 0 0 0B
6DH
Timer data register upper
TCDTH
R/W
0 0 0 0 0 0 0 0B
6EH
Timer control status register
TCCS
R/W
0 0 0 0 0 0 0 0B
6FH
ROM mirroring function selection
register
ROMM
W
ROM mirror function
− − − − − − − 1B
70H
Local-office address setting
register L
MAWL
R/W
IEBusTM
controller
XXXXXXXXB
71H
Local-office address setting
register H
MAWH
R/W
XXXXXXXXB
72H
Slave address setting register L
SAWL
R/W
XXXXXXXXB
73H
Slave address setting register H
SAWH
R/W
XXXXXXXXB
74H
Message length bit setting register
DEWR
R/W
0 0 0 0 0 0 0 0B
75H
Broadcast control bit setting
register
DCWR
R/W
0 0 0 0 0 0 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com