Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 23Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 24Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 25Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
MB90580C Series
27
s I/O MAP
(Continued)
Address
Register name
Abbreviated
register
name
Read/write
Resource name
Initial value
00H
Port 0 data register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 data register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 data register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 data register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 data register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 data register
PDR5
R/W
Port 5
1 1 1 1 1 1 1 1B
06H
Port 6 data register
PDR6
R/W
Port 6
− − XXXXXXB
07H
Port 7 data register
PDR7
R/W
Port 7
− − − XXXX −B
08H
Port 8 data register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 data register
PDR9
R/W
Port 9
XXXXXXXXB
0AH
Port A data register
PDRA
R/W
Port A
− − − − − XXXB
0BH to 0FH
(Disabled)
10H
Port 0 direction register
DDR0
R/W
Port 0
0 0 0 0 0 0 0 0B
11H
Port 1 direction register
DDR1
R/W
Port 1
0 0 0 0 0 0 0 0B
12H
Port 2 direction register
DDR2
R/W
Port 2
0 0 0 0 0 0 0 0B
13H
Port 3 direction register
DDR3
R/W
Port 3
0 0 0 0 0 0 0 0B
14H
Port 4 direction register
DDR4
R/W
Port 4
0 0 0 0 0 0 0 0B
15H
Port 5 direction register
DDR5
R/W
Port 5
0 0 0 0 0 0 0 0B
16H
Port 6 direction register
DDR6
R/W
Port 6
− − 0 0 0 0 0 0 0B
17H
Port 7 direction register
DDR7
R/W
Port 7
− − − 0 0 0 0
− B
18H
Port 8 direction register
DDR8
R/W
Port 8
0 0 0 0 0 0 0 0B
19H
Port 9 direction register
DDR9
R/W
Port 9
0 0 0 0 0 0 0 0B
1AH
Port A direction register
DDRA
R/W
Port A
− − − − − 0 0 0B
1BH
Port 4 output pin register
ODR4
R/W
Port 4
0 0 0 0 0 0 0 0B
1CH
Port 5 analog input enable
register
ADER
R/W
Port 4, A/D
1 1 1 1 1 1 1 1B
1DH to 1FH
(Disabled)
20H
Serial mode register 0
SMR0
R/W
UART0
0 0 0 0 0 0 0 0B
21H
Serial control register 0
SCR0
R/W
0 0 0 0 0 1 0 0B
22H
Serial input data register 0/
serial output data register 0
SIDR0/
SODR0
R/W
XXXXXXXXB
23H
Serial status register 0
SSR0
R/W
0 0 0 0 1
− 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com