| Electronic Components Datasheet Search |
|
MB90583CAPF Datasheet(PDF) 55 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF Datasheet(HTML) 55 Page - fujitsu semiconductor |
|
55 / 110 page ![]() MB90580C Series 55 9. 8/16-bit PPG 8/16-bit PPG is an 8/16-bit reload timer module. The block performs PPG output in which the pulse output is controlled by the operation of the timer. The hardware consists of two 8-bit down-counters, four 8-bit reload registers, one 16-bit control register, two external pulse output pins, and two interrupt outputs. The PPG has the following functions. • 8-bit PPG output in two channels independent operation mode: Two independent PPG output channels are available. • 16-bit PPG output operation mode : One 16-bit PPG output channel is available. • 8 + 8-bit PPG output operation mode : Variable-period 8-bit PPG output operation is available by using the output of channel 0 as the clock input to channel 1. • PPG output operation : Outputs pulse waveforms with variable period and duty ratio. Can be used as a D/A converter in conjunction with an external circuit. (1) Register configuration • PPG0 operating mode control register bit 7 654321 0 Address : ch0 0000044H PEN0 POE0 PIE0 PUF0 Re- served PPGC0 Access (R/W) ( ) (R/W) (R/W) (R/W) () () (R/W) Initial value (0) (X) (0) (0) (0) (X) (X) (1) • PPG1 operating mode control register bit 151413121110 9 8 Address : ch1 0000045H PEN1 POE1 PIE1 PUF1 MD1 MD0 Re- served PPGC1 Access (R/W) ( ) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (X) (0) (0) (0) (0) (0) (1) • PPG0 and 1 output control registers bit 7 654321 0 Address : ch0, 1 0000046H PCS2 PCS1 PCS0 PCM2PCM1PCM0 Re- served Re- served PPGOE Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (0) (0) (0) (0) (0) (0) (0) • Reload register H bit 151413121110 9 8 Address : ch0 000041H PRLH0 : ch1 000043H PRLH1 Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (X) (X) (X) (X) (X) (X) (X) (X) • Reload register L bit 76543210 Address : ch0 000040H PRLL0 : ch1 000042H PRLL1 Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (X) (X) (X) (X) (X) (X) (X) (X) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |