Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 24Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 25Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
MB90580C Series
28
(Continued)
Address
Register name
Abbreviated
register
name
Read/
write
Resource name
Initial value
24H
Serial mode register 1
SMR1
R/W
UART1
0 0 0 0 0 0 0 0B
25H
Serial control register 1
SCR1
R/W
0 0 0 0 0 1 0 0B
26H
Serial input data register 1/
serial output data register 1
SIDR1/
SODR1
R/W
XXXXXXXXB
27H
Serial status register 1
SSR1
R/W
0 0 0 0 1
− 0 0B
28H
Serial mode register 2
SMR2
R/W
UART2
0 0 0 0 0 0 0 0B
29H
Serial control register 2
SCR2
R/W
0 0 0 0 0 1 0 0B
2AH
Serial input data register 2/
serial output data register 2
SIDR2/
SODR2
R/W
XXXXXXXXB
2BH
Serial status register 2
SSR2
R/W
0 0 0 0 1
− 0 0B
2CH
Clock division control register 0
CDCR0
R/W
Communications
prescaler 0
0
− − − 1 1 1 1B
2DH
(Disabled)
2EH
Clock division control register 1
CDCR1
R/W
Communications
prescaler 1
0
− − − 1 1 1 1B
2FH
(Disabled)
30H
DTP/interrupt enable register
ENIR
R/W
DTP/external
interrupt
0 0 0 0 0 0 0 0B
31H
DTP/interrupt factor register
EIRR
R/W
XXXXXXXXB
32H
Request level setting register
lower
ELVR
R/W
0 0 0 0 0 0 0 0B
33H
Request level setting register
upper
0 0 0 0 0 0 0 0B
34H
Clock division control register 2
CDCR2
R/W
Communications
prescaler 2
0
− − − 1 1 1 1B
35H
(Disabled)
36H
Control status register lower
ADCS1
R/W
A/D converter
0 0 0 0 0 0 0 0B
37H
Control status register upper
ADCS2
R/W
0 0 0 0 0 0 0 0B
38H
Data register lower
ADCR1
R
XXXXXXXXB
39H
Data register upper
ADCR2
R or W
0 0 0 0 1
− XXB
3AH
D/A converter data register 0
DAT0
R/W
D/A converter
0 0 0 0 0 0 0 0B
3BH
D/A converter data register 1
DAT1
R/W
0 0 0 0 0 0 0 0B
3CH
D/A control register 0
DACR0
R/W
− − − − − − − 0B
3DH
D/A control register 1
DACR1
R/W
− − − − − − − 0B
3EH
Clock output enable register
CLKR
R/W
Clock monitor
function
− − − − 0 0 0 0B
3FH
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com