Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 10Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 11Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 12Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 13Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 14Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 15Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 16Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 17Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
MB90580C Series
14
*1: FPT-100P-M06
*2: FPT-100P-M05
*3: N.C. pin on the MB90587C/CA.
(Continued)
Pin no.
Pin name Circuit type
Function
QFP*1
LQFP*2
62
60
P63
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD63=“1”) by the pull-up resis-
tor setting register (RDR6). [This pin is disabled with the output set-
ting (DDR6 register: D63=“1”).]
PPG1
The pin serves as the PPG1 output when PPGs are enabled.
63
61
P64
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD64=“1”) by the pull-up resis-
tor setting register (RDR6). [This pin is disabled with the output set-
ting (DDR6 register: D64=“1”).]
PPG0
The pin serves as the PPG0 output when PPGs are enabled.
64
62
P65
D
(CMOS/H)
General-purpose I/O port.
A pull-up resistor can be assigned (RD65=“1”) by the pull-up resis-
tor setting register (RDR6). [This pin is disabled with the output set-
ting (DDR6 register: D65=“1”).]
CKOT
This pin serves as the CKOT output during CKOT operation.
65
63
TX*3
I
This pin serves as the IEBusTM output.
66
64
RX*3
J
(CMOS)
This pin serves as the IEBusTM input.
67 to 69 65 to 67
P90 to
P92
F
(CMOS/H)
General-purpose I/O port.
TIN0 to
TIN2
Event input pins for reload timers 0, 1, and 2.
During reload timer input, these inputs are used continuously and
thus the output from any other function to the pins must be avoided
unless used intentionally.
IN0 to IN2
Trigger inputs for input capture channels 0 to 2
70
68
P93
F
(CMOS/H)
General-purpose I/O port.
TOT0
Reload timer output pin. This function is applied when the output
for reload timer 0 is enabled.
IN3
Trigger inputs for input capture channel 3.
71, 72
69, 70
P94, P95
F
(CMOS/H)
General-purpose I/O port.
TOT1,
TOT2
Reload timer output pins. This function is applied when the output
for reload timer 1 and 2 are enabled.
OUT0,
OUT1
Event output for channel 0 and 1 of the output compare
73
71
P96
F (CMOS/H)
General-purpose I/O port.
PWC
This pin serves as the PWC input with the PWC timer enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com