| Electronic Components Datasheet Search |
|
MB90583CAPF Datasheet(PDF) 53 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF Datasheet(HTML) 53 Page - fujitsu semiconductor |
|
53 / 110 page ![]() MB90580C Series 53 8. 16-bit Reload Timer The 16-bit reload timer has three channels, each of which consists of a 16-bit down counter, a 16-bit reload register, an input pin (TIN), an output pin (TOT), and a control register. The input clock can be selected from among three internal clocks and one external clock. (1) Register configuration • Timer control status register (upper) bit 15 14131211 10 9 8 Address : ch0 000049H TMCSR0 upper : ch1 00004DH CSL1 CSL0 MOD2 MOD1 TMCSR1 upper : ch2 000051H TMCSR2 upper Access ( ) () () () (R/W) (R/W) (R/W) (R/W) Initial value ( ) () () () (0) (0) (0) (0) • Timer control status register (lower) bit 7 6543 2 1 0 Address : ch0 000048H TMCSR0 lower : ch1 00004CH MOD0 OUTE OUTL RELD INTE UF CNTE TRG TMCSR1 lower : ch2 000050H TMCSR2 lower Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) Initial value (0) (0) (0) (0) (0) (0) (0) (0) • 16-bit timer register (upper) /16 bit reload register (upper) (read) bit 15 14 13 12 11 10 9 8 TMR0 upper Address : ch0 00004BH TMR1 upper : ch1 00004FH TMR2 upper : ch2 000053H (write) Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) TMRLR0 upper Initial value (X) (X) (X) (X) (X) (X) (X) (X) TMRLR1 upper TMRLR2 upper • 16-bit timer register (lower) /16 bit reload register (lower) (read) bit 7 6543 2 1 0 TMR0 lower Address : ch0 00004AH TMR1 lower : ch1 00004EH TMR2 lower : ch2 000052H (write) Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) TMRLR0 lower Initial value (X) (X) (X) (X) (X) (X) (X) (X) TMRLR1 lower TMRLR2 lower |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |