Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 65 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 65 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 61Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 62Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 63Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 64Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 65Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 66Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 67Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 68Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 69Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
MB90580C Series
65
15. UART
The UART is a serial I/O port for asynchronous (start-stop) communication or clock-synchronous communication.
The UART has the following features:
• Full-duplex double buffering
• Capable of asynchronous (start-stop) and CLK-synchronous communications
• Support for the multiprocessor mode
• Dedicated baud rate generator integratedBaud rate
* : Assuming internal machine clock frequencies of 6, 8, 10, 12, and 16 MHz
• Capable of setting an arbitrary baud rate using an external clock
• Error detection functions (parity, framing, overrun)
• HRz sign transfer signal
(1) Register configuration
Operation
Baud rate
Asynchronous
31250/9615/4808/2404/1202 bps
CLK synchronous 2 M/1 M/500 K/250 K/125 K/62.5 Kbps
• Serial mode register 0 to 4
Address : 0000020H
0000024H
0000028H
0000082H
0000088H
bit
7
6543210
SMR0
SMR1
SMR2
SMR3
SMR4
MD1 MD0 CS2 CS1 CS0
Re-
served
SCKE SOE
Access
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
• Serial control register 0 to 4
Address : 0000021H
0000025H
0000029H
0000083H
0000089H
bit
151413121110
9
8
SCR0
SCR1
SCR2
SCR3
SCR4
PEN
P
SBL
CL
A/D
REC RXE TXE
Access
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(0)
(0)
(0)
(0)
(0)
(1)
(0)
(0)
• Serial input register 0 to 4/serial output register 0 to 4
bit
7
6543210
(read) (write)
Address : 0000022H
0000026H
000002AH
0000084H
000008AH
D7
D6
D5
D4
D3
D2
D1
D0
SIDR0
SIDR1
SIDR2
SIDR3
SIDR4
SODR0
SODR1
SODR2
SODR3
SODR4
Access
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(X)
(X)
(X)
(X)
(X)
(X)
(X)
(X)
• Serial status register 0 to 4
Address : 0000023H
0000027H
000002BH
0000085H
000008BH
bit
151413121110
9
8
SSR0
SSR1
SSR2
SSR3
SSR4
PE
ORE FRE RDRFTDRE
RIE
TIE
Access
(R/W) (R/W) (R/W) (R/W) (R/W) (
) (R/W) (R/W)
Initial value
(0)
(0)
(0)
(0)
(1)
(
)
(0)
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com