Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 81 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 81 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 84Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 85Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
MB90580C Series
81
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply
voltage
VCC
3.0
5.5
V
Normal operation (MB90583C/CA, MB90587C/CA,
MB90V580B)
4.5
5.5
V
Normal operation (MB90F583C/CA)
VCC
3.0
5.5
V
Retains status at the time of operation stop
“H” level input
voltage
VIH
0.7 VCC
VCC
+0.3
V
CMOS input pin
VIHS
0.8 VCC
VCC
+0.3
V
CMOS hysteresis input pin
VIHM
VCC
− 0.3
VCC
+0.3
V
MD pin input
“L” level input
voltage
VIL
VSS
− 0.3
0.3 VCC
V
CMOS input pin
VILS
VSS
− 0.3
0.2 VCC
V
CMOS hysteresis input pin
VILM
VSS
− 0.3
VSS
+0.3
V
MD pin input
Smoothing
capacitor
CS
0.1
1.0
µF
Use a ceramic capacitor or a capacitor with equiv-
alent frequency characteristics. The smoothing ca-
pacitor to be connected to the VCC pin must have a
capacitance value higher than CS.
Operating
temperature
TA
−40
+85
°C
• C pin connection circuit
C
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com