Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 93 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 93 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 89Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 90Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 91Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 92Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 93Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 94Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 95Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 96Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 97Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
MB90580C Series
93
(9) UART0 to UART4
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Note :
• These are AC ratings in the CLK synchronous mode.
• CL is the load capacitance value connected to pins while testing.
• tCP is machine cycle time (unit:ns).
Parameter
Symbol
Pin name
Condition
Value
Unit Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK4
CL = 80 pF + 1 TTL
for an output pin of
internal shift clock
mode
8 tCP
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
−80
80
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
100
ns
SCK
↑ → valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK4
CL = 80 pF + 1 TTL
for an output pin of
external shift clock
mode
4 tCP
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK4
4 tCP
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
150
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
60
ns
SCK
↑ → valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com