Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 4 Page - Analog Devices

  AD8312 Datasheet HTML 1Page - Analog Devices AD8312 Datasheet HTML 2Page - Analog Devices AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8312
Data Sheet
Rev. B | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
f = 1.9 GHz
Input Impedance
450 || 1.13
Ω || pF
±1 dB Dynamic Range
TA = 25°C
48
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
1
dBm
Minimum Input Level
±1 dB error
−47
dBm
Slope
19.47
mV/dB
Intercept
−52.4
dBm
Output Voltage − High Power In
PIN = −10 dBm
0.826
V
Output Voltage − Low Power In
PIN = −40 dBm
0.240
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.004
dB/°C
−40°C ≤ TA ≤ +25°C
0.005
dB/°C
f = 2.2 GHz
Input Impedance
430 || 1.09
Ω || pF
±1 dB Dynamic Range
TA = 25°C
48
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
1
dBm
Minimum Input Level
±1 dB error
−47
dBm
Slope
19.1
mV/dB
Intercept
−52.1
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.803
V
Output Voltage—Low Power In
PIN = −40 dBm
0.230
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
−0.0023
dB/°C
−40°C ≤ TA ≤ +25°C
0.0055
dB/°C
f = 2.5 GHz
Input Impedance
400 || 1.03
Ω || pF
±1 dB Dynamic Range
TA = 25°C
49
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
1
dBm
Minimum Input Level
±1 dB error
−48
dBm
Slope
18.6
mV/dB
Intercept
−51.2
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.762
V
Output Voltage—Low Power In
PIN = −40 dBm
0.204
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.005
dB/°C
−40°C ≤ TA ≤ +25°C
−0.0126
dB/°C
OUTPUT INTERFACE
VOUT (Pin 2)
Minimum Output Voltage
No signal at RFIN, RL ≥ 10 kΩ
0.02
0.2
V
Maximum Output Voltage1
RL ≥ 10 kΩ
1.8
2.0
V
General Limit
2.7 V ≤ VS ≤ 5.5 V
VS − 1.2
VS − 1
V
Available Output Current
Sourcing/sinking
2/0.1
mA
Residual RF (at 2f)
f = 0.1 GHz (worst condition)
100
µV
Output Noise
RF input = 2.2 GHz, −10 dBm, fNOISE = 100 kHz, CFLT open
1.4
µV/√Hz
Fall Time
Input level = off to 0 dBm, 90% to 10%
120
ns
Rise Time
Input level = 0 dBm to off, 10% to 90%
85
ns
VSET INTERFACE
VSET (Pin 3)
Input Resistance
13
kΩ
Bias Current Source
RFIN = −10 dBm; VSET = 1.2 V
75
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com