Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices AD8312 Datasheet HTML 16Page - Analog Devices AD8312 Datasheet HTML 17Page - Analog Devices AD8312 Datasheet HTML 18Page - Analog Devices AD8312 Datasheet HTML 19Page - Analog Devices AD8312 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8312
Data Sheet
Rev. B | Page 18 of 20
Table 6. Evaluation Board Configuration Options
Component
Function
Default
Condition
VPOS, GND
Supply and Ground Vector Pins.
Not Applicable
C2
Power Supply Decoupling. The nominal supply decoupling consists of a 0.1 µF capacitor (C1).
C2 = 0.1 µF
(Size 0603)
R1
Input Interface. The 52.3 Ω resistor in Position R1 combines with the internal input impedance of the
AD8312 to give a broadband input impedance of around 50 Ω.
R1 = 52.3 Ω
(Size 0603)
R2, R4
Slope Adjust. By installing resistors in R2 and R4, the nominal slope of 20 mV/dB can be changed. See the
Increasing the Logarithmic Slope section for more details.
R2 = Open
(Size 0402)
R4 = 0 Ω
(Size 0402)
C3
Filter Capacitor. The response time of VOUT can be modified by placing a capacitor between CFLT (Pin 4)
and VOUT (Pin 2).
C3 = Open
(Size 0603)
R3, R8, C4
Output Interface. R3, R8, and C4 can be used to check the response of VOUT to capacitive and resistive
loading. R3/R8 can be used to attenuate VOUT.
R3 = 0 Ω
(Size 0603)
R8 = C4 = Open
(Size 0402)
R7
VSET Interface. R7 can be used to reduce capacitive loading from transmission lines.
R7 = 0 Ω
(Size 0603)
R5, R6
Alternate Interface. R5 and R6 allow for VOUT and VSET to be accessible from the edge connector, which
is only used for characterization.
R5 = R6 = Open
(Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com