Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 9 of 20
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 9. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 50 MHz for 80 Devices
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 10. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 100 MHz for 80 Devices
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 11. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 900 MHz for 80 Devices
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 12. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 1.9 GHz for 80 Devices
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 13. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 2.2 GHz for 80 Devices
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+25°C
–40°C
Figure 14. Distribution of Error at −40°C, +25°C, and +85°C After Ambient
Normalization vs. Input Amplitude at 2.5 GHz for 80 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com