Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices AD8312 Datasheet HTML 16Page - Analog Devices AD8312 Datasheet HTML 17Page - Analog Devices AD8312 Datasheet HTML 18Page - Analog Devices AD8312 Datasheet HTML 19Page - Analog Devices AD8312 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 19 of 20
OUTLINE DIMENSIONS
0.50 BSC
1.00
BSC
1.50
1.45
1.40
1.00
0.95
0.90
SEATING
PLANE
0.675
0.595
0.515
0.075
COPLANARITY
0.380
0.355
0.330
0.345
0.295
0.245
0.270
0.240
0.210
A1 BALL
CORNER
0.50
BSC
A
1
2
B
C
TOP VIEW
(BALL SIDE DOWN)
BOTTOM VIEW
(BALL SIDE UP)
Figure 38. 6-Ball Wafer-Level Chip Scale Package [WLCSP]
(CB-6-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Outline
Branding
Information
Ordering
Quantity
AD8312ACBZ-P7
–40°C to +85°C
6-Ball WLCSP, 7” Pocket Tape and Reel
CB-6-2
Q00
3000
AD8312ACBZ-P2
–40°C to +85°C
6-Ball WLCSP, 7” Pocket Tape and Reel
CB-6-2
Q00
250
AD8312-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com