Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices AD8312 Datasheet HTML 16Page - Analog Devices AD8312 Datasheet HTML 17Page - Analog Devices AD8312 Datasheet HTML 18Page - Analog Devices AD8312 Datasheet HTML 19Page - Analog Devices AD8312 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 17 of 20
AD8312
C3
(OPEN)
VOUT
RFIN
1
COMM
2
CFLT
3
VPOS
6
VOUT
5
VSET
4
VSET
VPOS
INPUT
R3
0
R7
0
C2
0.1
F
R1
52.3
R4
0
R6
(OPEN)
TO EDGE
CONNECTOR
R8
(OPEN)
C4
(OPEN)
R2
(OPEN)
TO EDGE
CONNECTOR
R5
(OPEN)
Figure 33. Evaluation Board Schematic
Figure 34. Silkscreen of Component Side (WLCSP)
Figure 35. Layout of Component Side (WLCSP)
Figure 36. Silkscreen of Circuit Side (WLCSP)
Figure 37. Layout of Circuit Side (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com