Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 3 Page - Analog Devices

  AD8312 Datasheet HTML 1Page - Analog Devices AD8312 Datasheet HTML 2Page - Analog Devices AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 3 of 20
SPECIFICATIONS
VS = 3 V, CFLT = open, TA = 25°C, light condition = 600 LUX, 52.3 Ω termination resistor at RFIN, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
RFIN (Pin 6)
Specified Frequency Range
0.05
3.5
GHz
Input Voltage Range
Internally ac-coupled
1.25
224
mV rms
Equivalent Power Range
52.3 Ω external termination
−45
0
dBm
DC Resistance to COMM
100
kΩ
MEASUREMENT MODE
VOUT (Pin 2) shorted to VSET (Pin 3), sinusoidal input signal
f = 50 MHz
Input Impedance
3050 || 1.4
Ω || pF
±1 dB Dynamic Range
TA = 25°C
50
dB
−40°C < TA < +85°C
42
dB
Maximum Input Level
±1 dB error
3
dBm
Minimum Input Level
±1 dB error
−47
dBm
Slope
20.25
mV/dB
Intercept
−51.5
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.841
V
Output Voltage—Low Power In
PIN = −40 dBm
0.232
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ +85°C
0.0010
dB/°C
−40°C ≤ TA ≤ +25°C
0.0073
dB/°C
f = 100 MHz
Input Impedance
2900 || 1.3
Ω || pF
±1 dB Dynamic Range
TA = 25°C
48
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
2
dBm
Minimum Input Level
±1 dB error
−46
dBm
Slope
19.0
21.0
23.0
mV/dB
Intercept
−56.0
−50.5
−47.0
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.850
V
Output Voltage—Low Power In
PIN = −40 dBm
0.222
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ +85°C
0.0002
dB/°C
−40°C ≤ TA ≤ +25°C
0.0060
dB/°C
f = 900 MHz
Input Impedance
890 || 1.15
Ω || pF
±1 dB Dynamic Range
TA = 25°C
49
dB
−40°C < TA < +85°C
42
dB
Maximum Input Level
±1 dB error
1
dBm
Minimum Input Level
±1 dB error
−48.0
dBm
Slope
20.25
mV/dB
Intercept
−51.9
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.847
V
Output Voltage—Low Power In
PIN = −40 dBm
0.237
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.0019
dB/°C
−40°C ≤ TA ≤ +25°C
0.0010
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com