Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8312
Data Sheet
Rev. B | Page 10 of 20
VOUT
RF INPUT
PULSED RF
0.1GHz, 0dBm
200mV/VERT DIV
FALL TIME 120ns
RISE TIME 85ns
500mV/
VERT DIV
100ns/HORIZ DIV
Figure 15. VOUT Response Time, RF Off to 0 dBm
AD8312
NC = NO CONNECT
RFIN
1
COMM
2
CFLT
3
VPOS
6
VOUT
5
VSET
NC
4
0.1
F
3V
TEKTRONIX
TDS51504
SCOPE
*50
 TERMINATION
ROHDE & SCHWARZ
SMT06 GENERATOR
PULSE MODULATION
RF OUT
+3dB
TRIG OUT
RF
SPLITTER
52.3
–3dB
–3dB
CH1
CH3*
TRIG
Figure 16. Test Setup for Pulse Response
12
0.5
0.2
–j1
–j0.5
–j0.2
0
+j0.2
+j0.5
+j1
+j2
2.2GHz
3.5GHz
–j2
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 17. Input Impedance vs. Frequency; No Termination Resistor on RFIN
VPOS
1
s/HORIZ DIV
500mV/VERT DIV
2V/VERT DIV
VOUT
Figure 18. Power-On and Power-Off Response
AD8312
NC = NO CONNECT
RFIN
1
COMM
2
CFLT
3
VPOS
6
VOUT
5
VSET
NC
4
AD811
732
HP8648B
SIGNAL
GENERATOR
20dBm
HP8116A
PULSE
GENERATOR
TEKTRONIX
TDS784C
SCOPE
TEKTRONIX
P6204
FET PROBE
PULSE
OUT
49.9
TRIG
OUT
TRIG
RF OUT
10MHz
REF OUTPUT
EXT
TRIG
52.3
Figure 19. Test Setup for Power-On and Power-Off Response
10k
1k
100
10
1
1
3
10
30
100
300
1k
3k
10k
FREQUENCY (kHz)
0dBm
–10dBm
–20dBm
–40dBm
–60dBm
RF OFF
Figure 20. Noise Spectral Density of Output; CFLT = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com