Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8312
Data Sheet
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3 V; TA = 25°C; CFLT = open; light condition = 600 LUX, 52.3 Ω termination; unless otherwise noted. Colors: +25°C = black,
−40°C = blue, +85°C = red.
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 3. VOUT and Logarithmic Conformance vs. Input Amplitude at 50 MHz;
Typical Device at −40°C, +25°C, and +85°C
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 4. VOUT and Logarithmic Conformance vs. Input Amplitude at 100 MHz;
Typical Device at −40°C, +25°C, and +85°C
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 5. VOUT and Logarithmic Conformance vs. Input Amplitude at 900 MHz;
Typical Device at −40°C, +25°C, and +85°C
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 6. VOUT and Logarithmic Conformance vs. Input Amplitude at 1.9 GHz;
Typical Device at −40°C, +25°C, and +85°C
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 7. VOUT and Logarithmic Conformance vs. Input Amplitude at 2.2 GHz;
Typical Device at −40°C, +25°C, and +85°C
1.25
1.00
0.75
0.50
0.25
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
–40°C
Figure 8. VOUT and Logarithmic Conformance vs. Input Amplitude at 2.5 GHz;
Typical Device at −40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com