Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 11 of 20
Table 4. Typical Specifications at Selected Frequencies at 25°C (Mean and Σ)
Frequency (GHz)
Slope (mV/dB)
Intercept (dBm)
±1 dB Dynamic Range1 (dBm)
High Point
Low Point
µ
σ
µ
σ
µ
σ
µ
σ
0.05
20.25
0.3
−51.5
0.4
+3.0
0.12
−48.0
0.13
0.1
21.0
0.2
−50.5
0.4
+2.0
0.1
−46.0
0.1
0.9
20.25
0.3
−51.9
0.4
+0.2
0.1
−49.0
0.2
1.9
19.47
0.3
−52.4
0.6
+1.5
0.12
−48.8
0.3
2.2
19.1
0.4
−52.1
0.85
+1.5
0.2
−48.5
0.4
2.5
18.6
0.6
−51.2
1.2
+2.0
0.3
−47.7
0.5
3.0
17.5
0.7
−46.9
2.5
−4
0.3
−46
0.4
3.5
17.1
0.7
−42.6
2.5
−1
0.3
−39
0.3
1
Refer to Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com