Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
For more information on board layout, refer to the related Precise temperature measurements with TMP116 and
TMP117 (SNOA986) and Wearable temperature-sensing layout considerations optimized for thermal response
(SNIA021) application notes on ti.com.
1. If the device is used to measure solid surface temperature:
• Use PCB with minimal thickness.
• Prevent PCB bending which can create a mechanical stress to package.
• Cover bottom of the PCB with copper plane.
• Remove bottom solder mask and cover exposed copper with gold layer if possible.
• Use thermal conductive paste between PCB and object surface.
• If PCB has unused internal layers, extend these layers under the sensor.
• Minimize amount of copper wires on top of the board.
• To minimize temperature “leakage” to surrounding air locate sensor in place with minimal air movement.
Horizontal surfaces are preferable.
• To minimize temperature offset due to “leakage” to surrounding air cover sensor with thermo isolating
foam, tape or at least cover with a stain.
2. If the device is used to measure moving air temperature:
• Because moving air temperature typically has a lot of fluctuations the PCB increased thermal mass
reduces measurement noise.
• Use a PCB with thicker copper layers if possible.
• Cover both side of unused board space with copper layer.
• Place PCB vertically along air flow.
3. If the device is used to measure still air temperature:
• Miniaturize the board to reduce thermal mass. Smaller thermal mass results in faster thermal response.
• Remove the top solder mask.
• To prevent oxidation, cover any exposed copper with solder paste.
• Thermal isolation is required to avoid thermal coupling from heat source components through the PCB.
• Avoid running the copper plane underneath the temperature sensor.
• Maximize the air gap between the sensor and the surrounding copper areas (anti-etch), especially when
close to the heat source.
• Create a PCB cutout between sensor and other circuits.
• If the heat source is top side, avoid running traces on top; instead, route all signals on the bottom side.
• Place the board vertically to improve air flow and to reduce dust collection.
9.4.2 Layout Examples
V
DD
SDA
SCL
R
PULLUP
R
PULLUP
GND
Via to Power Plane
Via to GND Plane
10nF
Figure 9-3. YMS Layout Recommendation
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com