Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 1.8V (unless otherwise noted)
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
1Hz Conversion Rate, No Averaging
Figure 6-12. Average Quiescent Current vs Temperature
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
1Hz Conversion Rate, 8x Back-to-back Averaging
Figure 6-13. Average Quiescent Current vs Temperature
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
2
4
6
8
10
8Hz
4Hz
1Hz
0.25Hz
VDD = 1.8V
Figure 6-14. Average Quiescent Current vs Temperature
Conversion Rate (Hz)
0.1
0.2
0.3
0.5 0.7
1
2
3
4 5 6 7 8 10
100
200
300
500
700
1,000
2,000
3,000
5,000
7,000
10,000
8Hz
4Hz
1Hz
0.25Hz
Continuous Conversion Mode
One-shot Mode
VDD = 1.8V
Figure 6-15. Average Quiescent Current vs Conversion Rate
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
40
45
50
55
60
65
70
75
80
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
Figure 6-16. Active Conversion Current vs Temperature
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
Figure 6-17. Standby Current vs Temperature
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com