Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
7.4 Device Functional Modes
The TMP118 can be configured to operate in continuous or shutdown mode. This flexibility enables designers to
balance the requirements of power efficiency and performance.
7.4.1 Continuous Conversion Mode
When the Shutdown bit is set to 0b in the configuration register, the device operates in continuous conversion
mode. Figure 7-7 shows the device in a continuous conversion cycle. In this mode, the device performs
conversion at fixed intervals and updates the temperature result register at the end of every conversion, The
typical active conversion time is 11ms (with no averaging).
Start of
conversion
Ac ve conversion me
(tACT)
Standby Time
(tSTANDBY)
Conversion Period
(tConv_Period)
Figure 7-7. Continuous Conversion Cycle Timing Diagram
The Conversion_Rate[1:0] bits in the configuration register controls the rate at which the conversions are
performed. The device typically consumes 55µA during conversion and 750nA during the low power standby
period. By decreasing the rate at which conversions are performed, the application can benefit from reduced
average current consumption in continuous mode.
Use Equation 1 to calculate the average current in continuous mode.
Average Current = ((IDD_ACTIVE × tACT) + (IDD_SB × tSTANDBY)) / tConv_Period
(1)
Where
• tACT = Active conversion time
• tConv_Period = Conversion Period
• tSTANDBY = Standby time between conversions calculated as tConv_Period - tACT
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com