Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Over free-air temperature range and VDD = 1.4V to 5.5V for TA = -40°C to 125°C (unless otherwise noted); Typical
specifications are at TA = 25°C and VDD = 1.8V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tINIT
Initialization time after power-on
reset(6)
1
ms
tRESET
Reset Time(7)
General Call Reset
0.1
ms
(1)
For VDD above 3.6V, refer to the PSRDC specification to calculate the accuracy shift as a result of the power supply variation
(2)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(3)
Hysteresis is defined as the ability to reproduce a temperature reading as the temperature varies from room → hot
→room→cold→room. The temperatures used for this test are -40°C, 25°C, and 125°C.
(4)
Quiescent current between conversions
(5)
For best temperature measurement accuracy, it is recommended to avoid any serial bus traffice during active temperature conversion
(6)
From device power-on reset to start of temperature conversion
(7)
From General Call Reset command received to start of temperature conversion
6.6 Two-Wire Interface Timing
Over free-air temperature range and VDD = 1.4V to 5.5V for TA = -40 °C to 125 °C (unless otherwise noted)
STANDARD
FAST-MODE
FAST-MODE PLUS
UNIT
Min
Max
Min
Max
Min
Max
f(SCL)
SCL operating frequency
1
100
100
400
400
1000
kHz
t(BUF)
Bus-free time between STOP and START
conditions
4.7
1.3
0.5
µs
t(SUSTA)
Repeated START condition setup time
4.7
0.6
0.26
µs
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
4.0
0.6
0.26
µs
t(SUSTO)
STOP condition setup time
4.0
0.6
0.26
µs
t(HDDAT)
Data hold time(1)
0
900
0
900
0
150
ns
t(SUDAT)
Data setup time
250
100
50
ns
t(LOW)
SCL clock low period
4.7
1.3
0.5
µs
t(HIGH)
SCL clock high period
4.0
0.6
0.26
µs
t(VDAT)
Data valid time (data response time)(2)
3.45
0.9
0.45
µs
tR
SDA, SCL rise time
1000
20
300
120
ns
tF
SDA, SCL fall time
300
300
120
ns
ttimeout
Timeout
30
30
30
ms
tLPF
Glitch suppression filter
50
50
50
ns
(1)
The maximum t( HDDAT) could be 0.9µs for Fast-Mode, and is less than the maximum t( VDAT) by a transition time.
(2)
t( VDAT) = time for data signal from SCL "LOW" to SDA output ("HIGH" to "LOW", depending on which is worse).
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com