Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments TMP117 Datasheet HTML 23Page - Texas Instruments TMP117 Datasheet HTML 24Page - Texas Instruments TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Controller drives SDA
Target drives SDA
S
A6
A5
A4
A3
A2
A1
A0
0
A
0
0
0
0
P3
P2
P1
P0
A
D15
D14
D13
D12
D11
D10
D9
D8
A
D7
D6
D5
D4
D3
D2
D1
D0
NA
P
START
R/W
ACK from Target
ACK from Target
ACK from Controller
NACK from Controller
STOP
Target Address
Register Pointer (N)
Data to Register N (MSB)
Data to Register N (LSB)
RS
A6
A5
A4
A3
A2
A1
A0
1
A
START
R/W
Target Address
Figure 7-12. Read from Single Register
7.5.1.1.4 General-Call Reset Function
A "General-Call Reset Function" in SMBus refers to a mechanism where a controller can send a signal to all
target devices on the bus simultaneously, essentially initiating a reset operation on every connected device by
broadcasting a special address known as the "General Call Address" instead of addressing to a specific target
address. The feature allows for a coordinated reset across all devices on the bus, often used for system-wide
initialization or error recovery scenarios.
The TMP118 responds to a two-wire, general-call address (0000000b) if the eighth bit is 0b. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte is
0000011b or 06h, the TMP118 internal registers are reset to power-up values as shown in Figure 7-13.
S
0
0
0
0
0
0
0
0
A
START
General Call Address
0
0
0
0
1
1
0
A
0
ACK from Target
ACK from Target
Target controls SDA line
Controller controls SDA line
P
STOP
Reset Command
Figure 7-13. SMBus General Call Reset Diagram
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com