Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Table 7-3. 16-Bit Temperature Data Format (continued)
TEMPERATURE (°C)(1)
DIGITAL OUTPUT (BINARY)
HEX
0.0078125
0000 0000 0000 0001
0001
0
0000 0000 0000 0000
0000
-0.0078125
1111 1111 1111 1111
FFFF
-0.0625
1111 1111 1111 1100
FFF8
–0.25
1111 1111 1110 0000
FFE0
–25
1111 0011 1000 0000
F380
–40
1110 1100 0000 0000
EC00
(1)
The resolution for the Temp ADC in Internal Temperature mode is 0.0078125°C/count.
7.3.2 Averaging
The device supports 4 different averaging modes to help suppress noise as well as reduce the impact from
external temperature fluctuations. The AVG [3:2] bits in the Configuration register can be programmed to control
the averaging behavior of the device:
• No Averaging [00b]: The device performs 1 single conversion per conversion period, and temperature result
is stored immediately into the Temp_Result register at the end of every conversion.
1 second
1 Conversion
~11 ms
Standby
Standby
Temperature
result stored
Standby
Standby
Figure 7-2. Conversion (1Hz Conversion Rate Example) With No Averaging
• Back-to-back Averaging [01b or 10b]: The device accumulates and stores a number of temperature
conversion results and reports the average of all the stored results at the end of the process. If AVG [3:2] is
set to 01b, 4 conversions are executed back-to-back in every conversion period and the average temperature
result is stored into the Temp_Result register after the 4 conversions are completed. If AVG [3:2] is set to 10b,
8 conversions are executed back-to-back in every conversion period and the average temperature result is
stored into the Temp_Result register after the 8 conversions are completed.
The Back-to-back Averaging feature is useful to reduce the impact from the device’s internal noise sources,
such as the device thermal noise and ADC quantization noise. Figure 6-8 and Figure 6-9 illustrates the
improved noise performance of the device as a result of turning on the 8x regular averaging. Note Back-to-
back Averaging increases the average current consumption of the device due to increased active conversion
time in every conversion period.
1 second
4 Conversion
~44 ms
Standby
Standby
Temperature
result stored
Standby
Standby
Temperature
result stored
Temperature
result stored
Temperature
result stored
Figure 7-3. Conversion (1Hz Conversion Rate Example) With 4x Back-to-back Averaging
• Moving 4x Averaging [11b]: If AVG [3:2] is set to 11b, the device performs 1 single conversion per conversion
period, and the new temperature result is averaged together with the results from the 3 previous conversion
period and stored into the Temp_Result register. The moving averaging feature can be beneficial to filter out
fluctuation of external temperature source by taking multiple samples and averaging out the result.
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com