Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
1 second
1 Conversion
~11 ms
Standby
Standby
Average of n-2, n-1, n,
and n+1 conversion
result stored
Standby
Standby
nth conversion
(n+1)th conversion
(n+2)th conversion
(n+3)th conversion
(n+4)th conversion
Average of n-1, n, n+1,
and n+2 conversion
result stored
Average of n, n+1,
n+2, and n+3
conversion result
stored
Average of n-3, n-2,
n-1, and n conversion
result stored
Figure 7-4. Conversion (1Hz Conversion Period) With 4x Running Averaging
Averaging can be used in both the continuous conversion mode and the one-shot mode.
7.3.3 Temperature Comparator and Hysteresis
The TMP118 has a temperature comparator feature that uses the THigh_Limit register for high temperature
comparator threshold and the TLow_limit register for low temperature comparator threshold. The low
temperature comparator threshold is used to program the comparator hysteresis. The comparator thresholds
are programmed in the TMP118 in a 12-bit two's complement format and with a resolution of 62.5m°C. The
Alert_Flag bit in the Configuration register is asserted when the temperature result equals or exceeds the
THigh_Limit for a consecutive number of conversions as set by the Fault bits in the Configuration Register,
which can be programmed to 1, 2, 4, or 6 consecutive conversions. The Alert_Flag clears when the temperature
result drops below the TLow_Limit for the same consecutive number of conversions. The difference between the
two limits acts as a hysteresis on the comparator output, and the fault counter prevents false alerts as a result
of environmental temperature fluctuations. The Alert_Flag can be programmed to active low or active high by
configuring the Polarity bit in the Configuration Register.
As shown in Figure 7-5, the alert status becomes active when the temperature equals or exceeds the value in
THigh_Limit for Fault number of consecutive conversions. The alert status remains active until the temperature
falls below the TLow_Limit for the same number of consecutive conversions. The Alert_Flag can also be cleared
by issuing the General Call Reset command.
THigh_Limit
TLow_Limit
(Hysteresis)
Temperature
Conversions
Alert_Flag
(Polarity = 0b)
Alert_Flag
(Polarity = 1b)
Temperature
Figure 7-5. Alert_Flag Behavior
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com