Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 2Page - Texas Instruments TMP117 Datasheet HTML 3Page - Texas Instruments TMP117 Datasheet HTML 4Page - Texas Instruments TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6.5 Electrical Characteristics
Over free-air temperature range and VDD = 1.4V to 5.5V for TA = -40°C to 125°C (unless otherwise noted); Typical
specifications are at TA = 25°C and VDD = 1.8V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE TO DIGITAL CONVERTER
TERR
Temperature
accuracy
TMP118
8x averaging
1-Hz conversion
cycle, serial bus
idle, VDD = 1.62V to
3.6V(1)
0°C to 50°C
–0.1
±0.05
0.1
°C
–20°C to 85°C
–0.2
0.2
8x averaging
1-Hz conversion
cycle, serial bus idle,
VDD = 1.4V to 5.5V
–40°C to 125°C
–0.4
0.4
TMP118M
8x averaging
1-Hz conversion
cycle, serial bus idle,
VDD = 1.62V to 3.6V(1)
10°C to 50°C
–0.1
0.1
0°C to 85°C
–0.2
0.2
PSRDC DC power supply sensitivity
1.62V to 5.5V
17
m°C/V
TRES
Temperature resolution (LSB)
7.8125
m°C
TREPEAT Repeatability(2)
8x averaging
±1
LSB
No averaging
±2
TLTD
Long-term stability and drift
3000 hours at 125°C, VDD = 5.5V
0.024
°C
THYS
Temperature cycling and
hysteresis(3)
8 averages
±2
LSB
tLIQUID
Response time (stirred liquid)
τ = 63% for step
response from 25 °C to
75 °C
Single layer Flex PCB
0.13 mm thickness
0.11
s
Single layer FR4 PCB
1.575 mm thickness
1.4
s
tCONV
Conversion time
One-shot mode
11.1
ms
TGAIN
Gain error
Temp Error Drift over 10 °C to 50 °C; Continuous
sweep; Normalized at 35 °C
–0.4
0.4
%
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
f = 100kHz
3
pF
VIH
Input logic high level
1
V
VIL
Input logic low level
0.4
V
IIN
Input leakage current
–0.1
0.1
μA
VOL
SDA output logic low level
IOL = –2 mA
0.25
V
POWER SUPPLY
IDD_ACTI
VE
Supply current during active
conversion
Active conversion, serial bus idle
55
95
μA
IDD_AVG Average current consumption
Continous conversion
mode
1 Hz conversion
frequency
Serial bus idle, no
averaging
1.4
4
μA
Serial bus idle, 8x
averaging
4.8
12
SCL frequency =
400kHz, no averaging(5)
5.3
IDD_SB
Standby current(4)
Continous conversion mode, serial bus idle
0.75
3
μA
IDD_SD
Shutdown current
Serial bus idle
25 °C
0.08
0.25
μA
0 °C to 55 °C
0.11
0.3
–40 °C to 125 °C
1.5
VPOR
Power-on reset threshold voltage Supply voltage rising
1.07
V
VBOR
Brownout detect
Supply voltage falling
0.9
V
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com