Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments TMP117 Datasheet HTML 22Page - Texas Instruments TMP117 Datasheet HTML 23Page - Texas Instruments TMP117 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
7.5 Programming
7.5.1 I2C and SMBus Interface
7.5.1.1 Serial Interface
The TMP118 has a standard bidirectional I2C interface that is controlled by a controller device. Each target on
the I2C bus has a specific device address to differentiate between other target devices that are on the same I2C
bus. Many target devices require configuration upon start-up to set the behavior of the device. This is typically
done when the controller accesses internal register maps of the target, which have unique register pointers. The
TMP118 supports transmission data rates up to 1MHz.
7.5.1.1.1 Bus Overview
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL lines
must be connected to a supply through an external pullup resistor (unless integrated within the controller). The
size of the pullup resistor is determined by the amount of capacitance on the I2C lines, the pullup bus voltage,
and the communication frequency. For further details, see the I2C Pullup Resistor Calculation application note.
Data transfer can be initiated only when the bus is idle. A bus is considered idle if both SDA and SCL lines are
high after a STOP condition.
I2C communication with this device is initiated by the controller sending a START condition and terminated by
the controller sending a STOP condition. A high-to-low transition on the SDA line while the SCL is high defines a
START condition. A low-to-high transition on the SDA line while the SCL is high defines a STOP condition.
A repeated START condition is similar to a START condition and is used in place of a back-to-back STOP then
START condition. A repeated START condition looks identical to a START condition, but differs from a START
condition because the condition occurs without a STOP condition (when the bus is not idle).
SCL
SDA
Data Transfer
START
Condition
STOP
Condition
Figure 7-9. Definition of Start and Stop Conditions
One data bit is transferred during each clock pulse of the SCL. One byte is comprised of eight bits on the
SDA line. A byte can either be a device address, register pointer, or data written to or read from a target. Data
is transferred Most Significant Bit (MSB) first. 2 bytes of data can be transferred from the controller to target
between the START and STOP conditions. Data on the SDA line must remain stable during the high phase of
the clock period, as changes in the data line when the SCL is high are interpreted as control commands (START
or STOP).
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com