Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
7.3 Feature Description
7.3.1 Digital Temperature Output
The Temp_Result registers use a 16-bit format. Temperature data is represented by a 16-bit 2's complement
word with a Least Significant Bit (LSB) equal to 0.0078125°C. The fractional values are included in the
temperature readings, which can be denoted using Q notation, a simple way to represent the length of the
fractional portion of the value. 2's Compliment is employed to describe negative temperatures. C code can easily
convert the 2's Compliment data when the data is typecast into the correct signed data type. For more details
on using Q notation to decode digital temperature data, refer to How to Read and Interpret Digital Temperature
Sensor Output Data (SBAA588).
Note following power-up or reset, the temperature register reads 0°C until the first conversion is complete. Also
note the decoding scheme allows temperature measurement beyond the recommended operating temperature
range of -40°C to 125°C, but the device performance is not guaranteed beyond this range.
Table 7-1. Encoding Parameters
Parameter
Value
Bits
16
Q
7
Resolution
0.0078125
Range (+)
255.9921875
Range (-)
-256
25˚C
0xC80
Table 7-2. 16-Bit Q Notation Bit Weights
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Sign
128
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
0.0312
5
0.0156
25
0.0078
125
-256
128
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
1/32
1/64
1/128
-28
27
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
C Code Examples:
/* 16-bit format will have 0 bits discarded by right shift
q7 is 0.0078125 resolution
the following bytes represent 24.5C */
uint8_t byte1 = 0xC;
uint8_t byte2 = 0x40;
float f = ((int8_t) byte1 << 8 | byte2) * 0.0078125f;
int mC = ((int8_t) byte1 << 8 | byte2) * 1000 >> 7;
int C = ((int8_t) byte1 << 8 | byte2) >> 7;
Table 7-3 shows some example temperatures and the converted register values in binary and hexadecimal
format.
Table 7-3. 16-Bit Temperature Data Format
TEMPERATURE (°C)(1)
DIGITAL OUTPUT (BINARY)
HEX
125
0011 1110 1000 0000
3E80
100
0011 0010 0000 0000
3200
80
0010 1000 0000 0000
2800
75
0010 0101 1000 0000
2580
50
0001 1001 0000 0000
1900
25
0000 1100 1000 0000
0C80
0.25
0000 0000 0010 0000
0020
0.0625
0000 0000 0000 1000
0008
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com