Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 4 Page - Texas Instruments

  TMP117M Datasheet HTML 1Page - Texas Instruments TMP117M Datasheet HTML 2Page - Texas Instruments TMP117M Datasheet HTML 3Page - Texas Instruments TMP117M Datasheet HTML 4Page - Texas Instruments TMP117M Datasheet HTML 5Page - Texas Instruments TMP117M Datasheet HTML 6Page - Texas Instruments TMP117M Datasheet HTML 7Page - Texas Instruments TMP117M Datasheet HTML 8Page - Texas Instruments TMP117M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
5 Pin Configuration and Functions
VDD
GND
SCL
SDA
A
B
1
2
Figure 5-1. YMS Package, 4-Pin PICOSTAR (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
PICOSTAR-4
VDD
A1
I
Supply voltage
SDA
B1
I/O
Serial data input and open-drain output. Requires a pullup resistor.
GND
A2
-
Ground
SCL
B2
I
Serial Clock
(1)
I = Input; O = Output, I/O = Input or Output
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com