Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 17Page - Texas Instruments TMP117M Datasheet HTML 18Page - Texas Instruments TMP117M Datasheet HTML 19Page - Texas Instruments TMP117M Datasheet HTML 20Page - Texas Instruments TMP117M Datasheet HTML 21Page - Texas Instruments TMP117M Datasheet HTML 22Page - Texas Instruments TMP117M Datasheet HTML 23Page - Texas Instruments TMP117M Datasheet HTML 24Page - Texas Instruments TMP117M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Byte: 1010 1010 (AAh)
MSB
SCL
SDA
Bit
Bit
Bit
Bit
Bit
Bit
LSB
ACK
1
0
1
0
1
0
1
0
ACK
SDA line is stable while SCL line is high
Figure 7-10. One Byte of Data Transfer
7.5.1.1.2 Device Address
To communicate with the TMP118 , the controller must first address target devices through an address byte. The
address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a read or
write operation. The TMP118 utilizes hardwired orderables for addressing to allow up to 4 target devices to be
addressed on a single bus.
Table 7-4. Device Address Options
7-BIT I2C TARGET ADDRESS
DEVICE
HEX
BINARY
TMP118A/ TMP118MA
0x48
1001000'b
TMP118B/ TMP118MB
0x49
1001001'b
TMP118C/ TMP118MC
0x4A
1001010'b
TMP118D/ TMP118MD
0x4B
1001011'b
7.5.1.1.3 Writing and Reading Operation
7.5.1.1.3.1 Writes
To write on the I2C bus, the controller sends a START condition on the bus with the address of the target, as
well as the last bit (the R/W bit) set to 0b, which signifies a write. The target acknowledges, letting the controller
know the target is present on the bus and ready. After this, the controller starts sending the register pointer and
register data to the target until the controller has sent all the data necessary, and the controller terminates the
transmission with a STOP condition.
Writes to read-only registers or register locations outside of the register map are ignored. The TMP118 still
acknowledges (ACK) when writing outside of the register map. Figure 7-11 shows an example of writing 2-byte
data to a single register.
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com