Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 3 Page - Texas Instruments

  TMP117M Datasheet HTML 1Page - Texas Instruments TMP117M Datasheet HTML 2Page - Texas Instruments TMP117M Datasheet HTML 3Page - Texas Instruments TMP117M Datasheet HTML 4Page - Texas Instruments TMP117M Datasheet HTML 5Page - Texas Instruments TMP117M Datasheet HTML 6Page - Texas Instruments TMP117M Datasheet HTML 7Page - Texas Instruments TMP117M Datasheet HTML 8Page - Texas Instruments TMP117M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
4 Device Comparison
Table 4-1. Device Address Options
7-BIT I2C TARGET ADDRESS
DEVICE
HEX
BINARY
TMP118A/ TMP118MA
0x48
1001000'b
TMP118B/ TMP118MB
0x49
1001001'b
TMP118C/ TMP118MC
0x4A
1001010'b
TMP118D/ TMP118MC
0x4B
1001011'b
Table 4-2. Device Options
Feature
TMP113
TMP114
TMP117
TMP117M
TMP117N
TMP118
TMP118M
TMP119
VDD (V)
1.4 - 5.5
1.08 - 1.98
1.7 - 5.5
1.7 - 5.5
1.7 - 5.5
1.4 - 5.5
1.4 - 5.5
1.7 - 5.5
Current Consumption (25°C)
IAVG @ 1Hz (μA)
1.4
0.63
3.5
3.5
3.5
1.4
1.4
3.5
IQ_ACTIVE (μA)
55
68
135
135
135
55
55
135
ISB (μA)
0.85
0.26
1.25
1.25
1.25
0.75
0.75
1.25
ISD (μA)
0.07
0.16
0.25
0.25
0.25
0.08
0.08
0.25
Accuracy
0°C to 45°C
(typ)
0.1
0.1
0.05
0.05
0.1
0.05
0.05
0.03
(max)
0.3
0.2
0.1
0.1
0.2
0.1
0.1
0.08
-55°C (max)
-
-
0.25
-
0.3
-
-
0.15
-40°C (max)
0.75
0.5
0.15
-
0.2
0.5
-
0.11
-20°C (max)
0.5
0.5
0.1
-
0.2
0.2
-
0.09
-10°C (max)
0.5
0.3
0.1
-
0.2
0.2
-
0.09
0°C (max)
0.3
0.3
0.1
0.15
0.2
0.1
0.2
0.08
20°C (max)
0.3
0.2
0.1
0.1
0.2
0.1
0.1
0.08
45°C (max)
0.3
0.2
0.1
0.1
0.2
0.1
0.1
0.08
60°C (max)
0.3
0.3
0.15
0.15
0.2
0.2
0.2
0.09
85°C (max)
0.5
0.5
0.2
0.2
0.2
0.2
0.2
0.15
100°C (max)
0.75
0.5
0.2
-
0.2
0.5
-
0.15
125°C (max)
0.75
0.5
0.25
-
0.25
0.5
-
0.2
150°C (max)
-
-
0.3
-
0.3
-
-
0.2
Packaging
Dimensions [mm × mm ×
mm]
BGA: 1.49 ×
0.95 × 0.531
PICOSTAR:
0.76 × 0.76
× 0.15
BGA: 1.49 × 0.95 × 0.531
WSON: 2.0 × 2.0 × 0.8
PICOSTAR: 0.61 × 0.55 ×
0.24
BGA: 1.49 ×
0.95 × 0.525
Features
I2C Addresses
ADD0 Pin
(4)
Factory Set
(4)
ADD0 Pin (4)
Factory Set (4)
ADD0 Pin
(4)
NIST Traceable
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com