Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 20Page - Texas Instruments TMP117M Datasheet HTML 21Page - Texas Instruments TMP117M Datasheet HTML 22Page - Texas Instruments TMP117M Datasheet HTML 23Page - Texas Instruments TMP117M Datasheet HTML 24Page - Texas Instruments TMP117M Datasheet HTML 25Page - Texas Instruments TMP117M Datasheet HTML 26Page - Texas Instruments TMP117M Datasheet HTML 27Page - Texas Instruments TMP117M Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
7.5.1.1.5 Timeout Function
The TMP118 resets the internal serial interface if the SCL line is held low by the controller or the SDA line is held
low by the TMP118 for longer than 30ms (typical) between a START and STOP condition. The TMP118 releases
the SDA line if the SCL pin is pulled low and waits for a START condition from the controller. To avoid activating
the timeout function, maintain a communication speed of at least 1kHz for the SCL operating frequency.
7.5.1.1.6 Coexistence on I3C Mixed Bus
A bus with both I3C and I2C interfaces is referred to as a mixed bus with clock speeds up to 12.5MHz.
The TMP118 is an I2C device that can be on the same bus that has an I3C device attached as the device
incorporates a spike suppression filter of 50ns on the SDA and SCL pins to filter out any communication above
4Mhz. The filter helps avoid any interference to the bus when I3C communication takes place on the bus. I2C
bus targets (with 50ns filter) can coexist with I3C controllers operating at 12.5MHz, enabling the migration of
existing I2C bus designs to the I3C specification.
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com