Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 7Page - Texas Instruments TMP117M Datasheet HTML 8Page - Texas Instruments TMP117M Datasheet HTML 9Page - Texas Instruments TMP117M Datasheet HTML 10Page - Texas Instruments TMP117M Datasheet HTML 11Page - Texas Instruments TMP117M Datasheet HTML 12Page - Texas Instruments TMP117M Datasheet HTML 13Page - Texas Instruments TMP117M Datasheet HTML 14Page - Texas Instruments TMP117M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 1.8V (unless otherwise noted)
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
10
20
30
50
70
100
200
300
500
700
1,000
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
Figure 6-18. Shutdown Current vs Temperature
Bus Frequency (kHz)
0
200
400
600
800
1,000
0
1
2
3
4
5
6
7
8
9
10
11
12
TA = -40C
TA = 25C
TA = 85C
TA = 125C
VDD = 1.8V
Figure 6-19. Shutdown Current vs Bus Frequency
Time (sec)
0
0.5
1
1.5
2
2.5
3
3.5
4
20
30
40
50
60
70
80
90
100
63%
t = 1.4s
63%
t = 0.11s
2-Layer 1.575mm FR4 PCB
Single-Layer 0.13mm FlexPCB
VDD = 1.8V, Stirred Liquid
Figure 6-20. Temperature Measurement Response Time
Time (seconds)
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
400
450
500
69
W (VDD=1.4V)
108
W (VDD=2.2V)
162
W (VDD=3.3V)
216
W (VDD=4.4V)
270
W (VDD=5.5V)
Single layer flex-PCB (0.13mm thickness), VBUS = VDD,
continuing one-shot conversions (10.5Hz), IAVG= 49μA, Still
Air
Figure 6-21. Worst Case Temperature Error From Self-heating
(8x Back-to-back Averaging)
Time (seconds)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
69
W (VDD=1.4V)
108
W (VDD=2.2V)
162
W (VDD=3.3V)
216
W (VDD=4.4V)
270
W (VDD=5.5V)
Rigid-PCB (1.575mm thickness), VBUS = VDD, continuing one-
shot conversions (10.5Hz), IAVG= 49μA, Still Air
Figure 6-22. Worse Case Temperature Error From Self-heating
(8x Back-to-back Averaging)
IOUT (mA)
1.5
2
2.5
3
3.5
4
4.5
5
0.05
0.1
0.15
0.2
0.25
0.3
0.35
VDD = 1.4V
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
TA = 25 °C
Figure 6-23. SDA Output Voltage vs Load Current
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com