Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 18Page - Texas Instruments TMP117M Datasheet HTML 19Page - Texas Instruments TMP117M Datasheet HTML 20Page - Texas Instruments TMP117M Datasheet HTML 21Page - Texas Instruments TMP117M Datasheet HTML 22Page - Texas Instruments TMP117M Datasheet HTML 23Page - Texas Instruments TMP117M Datasheet HTML 24Page - Texas Instruments TMP117M Datasheet HTML 25Page - Texas Instruments TMP117M Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Controller drives SDA
Target drives SDA
S
A6
A5
A4
A3
A2
A1
A0
0
A
0
0
0
0
P3
P2
P1
P0
A
D15
D14
D13
D12
D11
D10
D9
D8
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
START
R/W
ACK from Target
ACK from Target
ACK from Target
ACK from Target
STOP
Target Address
Register Pointer (N)
Data to Register N (MSB)
Data to Register N (LSB)
Figure 7-11. Write to Single Register
7.5.1.1.3.2 Reads
For a read operation the controller sends a START condition, followed by the target address with the R/W bit set
to 0b (signifying a write). The target acknowledges the write request, and the controller then sends the register
pointer in the next frame. The controller then initiates a START or RESTART followed by the target address with
the R/W bit set to 1b (signifying a read). A START initiates communication with an target, while a RESTART
allows the controller to access different registers on the same target without needing to send a full STOP signal
first. The controller continues to send out clock pulses but releases the SDA line so that the target can transmit
data. At the end of every byte of data, the controller sends an ACK to the target, letting the target know that
the controller is ready for more data. Once the controller has received the number of bytes the controller is
expecting, the controller sends a NACK, signaling to the target to halt communications and release the SDA line.
The controller follows this up with a STOP condition.
Note that:
• If the controller needs to read from the same register repeatedly, the controller is not required to resend the
pointer over and over again. The pointer value is stored in the device.
• The default pointer value upon device POR is 0h, so the controller can immediately proceed to read the
temperature result after device power-up without sending the pointer value for the Temp_Result register.
• Reading from a non-indexed register location returns 0x0h.
Figure 7-12 shows an example of reading a single word from a target register.
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com